Electronic Components Datasheet Search
  English  ▼

X  

KMA200 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # KMA200
Description  Programmable angle sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KMA200 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button KMA200 Datasheet HTML 3Page - NXP Semiconductors KMA200 Datasheet HTML 4Page - NXP Semiconductors KMA200 Datasheet HTML 5Page - NXP Semiconductors KMA200 Datasheet HTML 6Page - NXP Semiconductors KMA200 Datasheet HTML 7Page - NXP Semiconductors KMA200 Datasheet HTML 8Page - NXP Semiconductors KMA200 Datasheet HTML 9Page - NXP Semiconductors KMA200 Datasheet HTML 10Page - NXP Semiconductors KMA200 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
KMA200
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 8 — 7 December 2011
7 of 33
NXP Semiconductors
KMA200
Programmable angle sensor
Oscillator fail-safe circuit
The function of the free-running oscillator is checked with re-triggered mono flop. If the
mono flop is not triggered, the KMA200 signals an error.
Fig 2.
Power supply behavior; the device operation dependencies to its power supply
voltage
006aaa297
high overvoltage
protection
low overvoltage
protection
operation
low voltage
reverse polarity
protection
power on/off
reset
undefined
32 V
26.5 V
13 V
12 V
7 V
5.5 V
4.5 V
3.1 V
4.45 V
2.9 V
4.4 V
6 V
0 V
−16.5 V
device damage
normal operation area
specification parameters are not valid (*)
(diagnosis functions available)
0.05 V < hysteresis< 0.6 V
switch-on
switch-off
overvoltage protection for 400 ms
overvoltage protection for infinite duration
overvoltage protection,
normal programming area, temp within 0
°C to 70 °C
overvoltage protection,
programming area - unsufficient voltage
specification parameters are not valid (*)
(diagnosis functions available)
low voltage (device switched-off)
reverse polarity voltage protection
device damage
reset
reset
reset
off
off
undefined
operating
weak pull-up
operating
operating
device
situation
modes
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com