Electronic Components Datasheet Search
  English  ▼

X  

KMA200 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # KMA200
Description  Programmable angle sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KMA200 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button KMA200 Datasheet HTML 14Page - NXP Semiconductors KMA200 Datasheet HTML 15Page - NXP Semiconductors KMA200 Datasheet HTML 16Page - NXP Semiconductors KMA200 Datasheet HTML 17Page - NXP Semiconductors KMA200 Datasheet HTML 18Page - NXP Semiconductors KMA200 Datasheet HTML 19Page - NXP Semiconductors KMA200 Datasheet HTML 20Page - NXP Semiconductors KMA200 Datasheet HTML 21Page - NXP Semiconductors KMA200 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
KMA200
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 8 — 7 December 2011
18 of 33
NXP Semiconductors
KMA200
Programmable angle sensor
12. Definition of errors
12.1 General
For the accuracy is assumed that the sensor operates in a homogeneous magnetic field at
saturation field strength Hsat. Also, the zero angle register of the KMA200 is set at a
mechanical reference point at room temperature (and zero degree).
This reference line is valid for digital and analog outputs. The maximum angle is set to
180
 and the clamping levels are programmed to V
(CL)l = 5 %VDD and V(CL)u =95 %VDD.
12.2 Linearity error
The deviation from the reference line

lin is called angle linearity error and defined as
follows:

lin = lin(ref,Tj) ref
Tj: any ambient temperature in the specific range
Following formula is used to calculate
meas in degree from an analog voltage value:
(3)
VOUT: analog output of KMA200 [%VDD]
For sensors the error of the analog output

lin is only defined in the range from 5.5 %VDD
to 94.5 %VDD.
ref: reference angle in degree
meas: measured angle of the KMA200 in degree

lin: deviation from reference line in degree
Fig 8.
Visualization of linearity behavior
006aaa303
180
180
output
reference line
0
ϕmeas
(
°)
ϕref (°)
Δϕlin
meas
V
OUT
5 %V
DD
–
95 %V
DD
5 %V
DD
–
-------------------------------------------------- 180
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com