Electronic Components Datasheet Search
  English  ▼

X  

KMA200 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # KMA200
Description  Programmable angle sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KMA200 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button KMA200 Datasheet HTML 20Page - NXP Semiconductors KMA200 Datasheet HTML 21Page - NXP Semiconductors KMA200 Datasheet HTML 22Page - NXP Semiconductors KMA200 Datasheet HTML 23Page - NXP Semiconductors KMA200 Datasheet HTML 24Page - NXP Semiconductors KMA200 Datasheet HTML 25Page - NXP Semiconductors KMA200 Datasheet HTML 26Page - NXP Semiconductors KMA200 Datasheet HTML 27Page - NXP Semiconductors KMA200 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
KMA200
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 8 — 7 December 2011
24 of 33
NXP Semiconductors
KMA200
Programmable angle sensor
[1]
EP: EEPROM write protection: default value: 0
0
 EEPROM programming possible
1
 EEPROM not writable
This bit is evaluated only if the CRC checksum is valid.
[2]
SL: rise and fall time of DATA output: default value: 0
0
 nominal 150 ns
1
 nominal 750 ns
[3]
DO[1:0]: diagnosis of output stage: default value: 00
00
 level 0: V
meas(OUT)  Vexp(OUT) <10%VDD
01
 level 1: V
meas(OUT)  Vexp(OUT) <5%VDD
10
 level 2: V
meas(OUT)  Vexp(OUT) <2%VDD
11
 level 3: V
meas(OUT)  Vexp(OUT) <1%VDD
[4]
DI[2:0]: diagnosis of input stage: default value: 000
000
 level 0: A
Meas  ASoll <6.24 mV/V
001
 level 1: A
Meas  ASoll <4.68 mV/V
010
 level 2: A
Meas  ASoll <3.12 mV/V
011
 level 3: A
Meas  ASoll <1.56mV/V
100
 level 4: A
Meas  ASoll <0.78 mV/V
[5]
OM[2:0]: output mode: default value: 100
000
 digital output
001
 complement digital output
100
 analog output; standard + programmable output mode 1
101
 analog output; standard + programmable output mode 2
110
 analog output; standard + programmable output mode 3
111
 analog output; standard output only
D
tc_offset_1
dependent of individual production calibration results
E
tc_offset_2
dependent of individual production calibration results
F
CRC-16
dependent of individual programming
Table 9.
EEPROM content …continued
Address
Name
Description
Table 10.
Format of zero_angle, angular_range and
thresh
zero_angle = A[15:0]
0.00275, angular_range = A[15:0] 0.00275and
thresh = A[15:0] 0.00275.
MSB
LSB
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
A[15]
A[14]
A[13]
A[12]
A[11]
A[10]
A[9]
A[8]
A[7]
A[6]
A[5]
A[4]
A[3]
A[2]
A[1]
A[0]
Table 11.
Format of Tshut(res) and Twarn(res)
Tshut(res) = 50 C + TS[7:0] 1 C and Twarn(res) = 50 C+TW[7:0] 1 C.
MSB
LSB
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Tshut(res)
Twarn(res)
TS
[7]
TS
[6]
TS
[5]
TS
[4]
TS
[3]
TS
[2]
TS
[1]
TS
[0]
TW
[7]
TW
[6]
TW
[5]
TW
[4]
TW
[3]
TW
[2]
TW
[1]
TW
[0]
Table 12.
Format of ctrl1
MSB
LSB
15
14
13[1]
12
11[2]
10[3]
9[3]
8[4]
7[4]
6[5]
5[5]
4[5]
3
2
1
0
0
1
EP
0
SL
DO1
DO0
DI1
DI0
OM2
OM1
OM0
0
1
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com