Electronic Components Datasheet Search
  English  ▼

X  

KMA200 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # KMA200
Description  Programmable angle sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KMA200 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button KMA200 Datasheet HTML 4Page - NXP Semiconductors KMA200 Datasheet HTML 5Page - NXP Semiconductors KMA200 Datasheet HTML 6Page - NXP Semiconductors KMA200 Datasheet HTML 7Page - NXP Semiconductors KMA200 Datasheet HTML 8Page - NXP Semiconductors KMA200 Datasheet HTML 9Page - NXP Semiconductors KMA200 Datasheet HTML 10Page - NXP Semiconductors KMA200 Datasheet HTML 11Page - NXP Semiconductors KMA200 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
KMA200
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 8 — 7 December 2011
8 of 33
NXP Semiconductors
KMA200
Programmable angle sensor
7.
Outputs of KMA200
The output of the KMA200 is either digital or analog, depending on the control word stored
in the EEPROM. The analog output consists of a standard and a programmable output
stage. The programmable output stage allows four different characteristics; mode 1,
mode 2, mode 3 or none output. The digital output has two different modes; mode 5 and
mode 6.
Analog output
In the analog output mode the measured angle value is converted linear into a value that
is ratiometric to the supply voltage VDD. This voltage is driven by the standard output
stage to pin DATA/OUT1. The same value is fed to a second output stage that is
connected to pin CLK/OUT2. This second output stage is programmable to one of four
different output characteristics; mode 1, mode 2, mode 3 or high-impedance state output.
A valid angle value is nominally mapped to an output voltage range of V(CL)l
(default = 5 %) to V(CL)u (default = 95 %) of VDD at the standard output VOUT1
(see Figure 3).
For mode 1 the valid output voltage range at pin CLK/OUT2 is identical to the output
voltage range of the standard analog voltage but the output characteristic is inverted
(see Figure 4).
In mode 2 (see Figure 5) the valid output range at pin CLK/OUT2 is nominally V(CL)l/2 to
V(CL)u/2 of VDD.
A further possibility is to program the VOUT2 (mode 3, thresh) as a comparator depending
from the angle value (see Figure 6).
When the KMA200 detects an error condition, it switches the analog outputs into
high-impedance state. The outputs are forced to lie in the upper or lower diagnostic range
by the external pull-up or pull-down resistors.
Table 5.
Setting the KMA200 output characteristics
Output characteristics
Pin assignment
Mode setting of EEPROM
(ctrl1)
Mode
Type
DATA/OUT1
CLK/OUT2
OM2
OM1
OM0
Mode 1
analog
standard
inverted
1
0
0
Mode 2
analog
standard
half range
1
0
1
Mode 3
analog
standard
comparator
1
1
0
Mode 4
analog
standard
high-impedance state
1
1
1
Mode 5
digital
serial data (SPI)
(clock)
0
0
0
Mode 6
digital
bit complement
serial data (SPI)
(clock)
001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com