Electronic Components Datasheet Search
  English  ▼

X  

KMA200 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # KMA200
Description  Programmable angle sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KMA200 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button KMA200 Datasheet HTML 16Page - NXP Semiconductors KMA200 Datasheet HTML 17Page - NXP Semiconductors KMA200 Datasheet HTML 18Page - NXP Semiconductors KMA200 Datasheet HTML 19Page - NXP Semiconductors KMA200 Datasheet HTML 20Page - NXP Semiconductors KMA200 Datasheet HTML 21Page - NXP Semiconductors KMA200 Datasheet HTML 22Page - NXP Semiconductors KMA200 Datasheet HTML 23Page - NXP Semiconductors KMA200 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
KMA200
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 8 — 7 December 2011
20 of 33
NXP Semiconductors
KMA200
Programmable angle sensor
12.4 Microlinearity
Microlinearity is the deviation between the device output and the reference line at any
angle and for an angle step of 1
. The microlinearity is determined at a constant
temperature.
The microlinearity is calculated as follows:
lin =Vmeas(ref(i+1))  Videal(ref(i+1))
Videal(ref(i+1))= Vmeas(ref(i))+mideal  1 =Vmeas(ref(i))+0.5%VDD
lin: microlinearity
Vmeas(ref(i)): measured voltage [%VDD] for angle position ref(i)
mideal: ideal, theoretical slope; with 90 %VDD and maximum angle 180
The output slopes are monotonic by design. This figures can also be used for the
definition of
lin in digital mode, as follows: assume that
Vmeas(ref(i))= meas(ref(i)) and Vmeas(ref(i+1))= meas(ref(i+1)),
whereas
meas(X) is the output angle of the KMA200 at the angle position X.
Fig 10. Microlinearity behavior
006aaa305
voltage
Vmeas(ϕref(i+1))
Videal(ϕref(i+1))
Vmeas(ϕref(i))
theoretical slope mideal
starting at output
Vmeas(ϕref(i))
Δϕref = 1° = |ϕref(i) − ϕref(i+1)|
angle
Δϕμlin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com