| Electronic Components Datasheet Search |
|
KMA200 Datasheet(PDF) 1 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
KMA200 Datasheet(HTML) 1 Page - NXP Semiconductors |
|
1 / 33 page ![]() 1. Product profile 1.1 General description The KMA200 is an angle sensor system. The MagnetoResistive (MR) element and the mixed signal Integrated Circuit (IC) are integrated in one package. This angle system is already pre-programmed, offsets are compensated and therefore, ready to use. Via the Serial Peripheral Interface (SPI) the KMA200 is user programmable. This allows user specific adjustments of the maximum angle, zero point, clamping level and a 32-bit identifier. The data is stored permanently in an Electrically Erasable Programmable Read-Only Memory (EEPROM). The device can be programmed to work either in analog or digital (SPI) output mode. Furthermore, different analog output characteristics are possible. The resolution is better than 0.05 . The implemented online diagnosis supervises the input and output signals as well as the data processing. Deviations and failures of the angle value are indicated in the output signal. Overall temperature supervision is implemented. 1.2 Features and benefits KMA200 Programmable angle sensor Rev. 8 — 7 December 2011 Product data sheet Magnetic field angular sensing One package angle sensor system High accuracy Resolution better than 0.05 Operating temperature range from 40 C to +160 C Digital or analog output signals (user programmable) Online diagnosis Overvoltage protection at all external pins Bidirectional digital interface (SPI) EEPROM (user programmable) Programmable maximum angle up to 180 Programmable zero point Pre-calibrated, ready to use device |
Similar Part No. - KMA200 |
|
Similar Description - KMA200 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |