Electronic Components Datasheet Search
  English  ▼

X  

KMA200 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # KMA200
Description  Programmable angle sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KMA200 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button KMA200 Datasheet HTML 5Page - NXP Semiconductors KMA200 Datasheet HTML 6Page - NXP Semiconductors KMA200 Datasheet HTML 7Page - NXP Semiconductors KMA200 Datasheet HTML 8Page - NXP Semiconductors KMA200 Datasheet HTML 9Page - NXP Semiconductors KMA200 Datasheet HTML 10Page - NXP Semiconductors KMA200 Datasheet HTML 11Page - NXP Semiconductors KMA200 Datasheet HTML 12Page - NXP Semiconductors KMA200 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
KMA200
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 8 — 7 December 2011
9 of 33
NXP Semiconductors
KMA200
Programmable angle sensor
Fig 3.
Standard analog output mode
Fig 4.
Inverted analog output (mode 1)
006aaa298
0
°
180
°
αmax
100 %
96 %
V(CL)u
V(CL)l
4 %
0
VOUT1/VDD
diagnostics area
diagnostics area
(180
° − αmax)/2
006aaa299
0
°
180
°
αmax
100 %
96 %
V(CL)u
V(CL)l
4 %
0
VOUT2/VDD
diagnostics area
diagnostics area
(180
° − αmax)/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com