Electronic Components Datasheet Search
  English  ▼

X  

KMA200 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # KMA200
Description  Programmable angle sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KMA200 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button KMA200 Datasheet HTML 18Page - NXP Semiconductors KMA200 Datasheet HTML 19Page - NXP Semiconductors KMA200 Datasheet HTML 20Page - NXP Semiconductors KMA200 Datasheet HTML 21Page - NXP Semiconductors KMA200 Datasheet HTML 22Page - NXP Semiconductors KMA200 Datasheet HTML 23Page - NXP Semiconductors KMA200 Datasheet HTML 24Page - NXP Semiconductors KMA200 Datasheet HTML 25Page - NXP Semiconductors KMA200 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
KMA200
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 8 — 7 December 2011
22 of 33
NXP Semiconductors
KMA200
Programmable angle sensor
13.2 Command mode
This mode is used for calibration and programming. The KMA200 is controlled with serial
interface commands.
To activate the command mode, the following initialization procedure must be executed
during power-on reset. The pin CS must be constantly held on HIGH level and
pin CLK/OUT2 must be constantly held on LOW level during power-on. This condition has
to start during reset and must be valid during the following initialization phase of the
KMA200 for at least 1 ms. CS and CLK are internally weak pull-up so that at least CLK
must be actively driven. If these conditions are valid, the KMA200 starts in command
mode. At all other combinations or if the levels are not constant for the minimum time of
1 ms, the KMA200 starts in normal operation mode.
The normal operation mode is configured with sixteen 16-bit constants stored in the
on-chip EEPROM.
13.3 Notes to the programming
The KMA200 sensor is delivered in a pre-calibrated and preprogrammed default
condition.
The EEPROM addresses 0, 1, 5, C, D and E are device dependent and pre-calibrated
for each device. A changing of this contents to another value is not allowed,
because the specified data, influenced by these addresses, are no longer valid.
The EEPROM addresses A and B are used to store production related information.
A changing of these values should not be done.
Definition:
Address A: storage the date code. Date code assembly center: day of the year
(maximum 365) + year (maximum 99)
Fig 12. Command mode
006aaa307
CS
max. 3 ms
min. 1 ms
(ASIC internal
Power-On-Reset)
DATA/OUT1
CLK/OUT2
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com