Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 103 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3359 Datasheet(HTML) 103 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 99Page - Texas Instruments AM3359 Datasheet HTML 100Page - Texas Instruments AM3359 Datasheet HTML 101Page - Texas Instruments AM3359 Datasheet HTML 102Page - Texas Instruments AM3359 Datasheet HTML 103Page - Texas Instruments AM3359 Datasheet HTML 104Page - Texas Instruments AM3359 Datasheet HTML 105Page - Texas Instruments AM3359 Datasheet HTML 106Page - Texas Instruments AM3359 Datasheet HTML 107Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 195 page
background image
GMII[x]_RXCLK
2
3
1
4
4
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
www.ti.com
SPRS717B
– OCTOBER 2011 – REVISED JANUARY 2012
5.3
Ethernet Media Access Controller (EMAC)/Switch
5.3.1
Ethernet MAC/Switch Electrical Data/Timing
The Ethernet MAC/Switch implemented in the AM335x device supports GMII mode, but the AM335x
design does not pin out 9 of the 24 GMII signals. This was done to reduce the total number of package
terminals. Therefore, the AM335x device does not support GMII mode. MII mode is supported with the
remaining GMII signals.
The AM335x ARM Cortex-A8 Microprocessors (MPUs) Technical Reference Manual (literature number
SPRUH73) and this document may reference internal signal names when discussing peripheral input and
output signals since many of the AM335x package terminals can be multiplexed to one of several
peripheral signals. For example, the AM335x terminal names for port 1 of the Ethernet MAC/Switch have
been changed from GMII to MII to indicate their Mode 0 function, but the internal signal is named GMII.
However, documents that describe the Ethernet switch reference these signals by their internal signal
name. For a cross-reference of internal signal names to terminal names, see Table 2-7.
Operation of the Ethernet MAC/Switch is not supported for OPP50.
Table 5-1. Ethernet MAC/Switch Timing Conditions
TIMING CONDITION PARAMETER
MIN
TYP
MAX
UNIT
Input Conditions
tR
Input signal rise time
1(1)
5(1)
ns
tF
Input signal fall time
1(1)
5(1)
ns
Output Condition
CLOAD
Output load capacitance
3
30
pF
(1) Except when specified otherwise.
5.3.1.1
Ethernet MAC/Switch MII Electrical Data/Timing
Table 5-2. Timing Requirements for GMII[x]_RXCLK - MII Mode
(see Figure 5-1)
10 Mbps
100 Mbps
NO.
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
1
tc(RX_CLK)
Cycle time, RX_CLK
399.96
400.04
39.996
40.004
ns
2
tw(RX_CLKH)
Pulse Duration, RX_CLK high
140
260
14
26
ns
3
tw(RX_CLKL)
Pulse Duration, RX_CLK low
140
260
14
26
ns
4
tt(RX_CLK)
Transition time, RX_CLK
5
5
ns
Figure 5-1. GMII[x]_RXCLK Timing - MII Mode
Copyright
© 2011–2012, Texas Instruments Incorporated
Peripheral Information and Timings
103
Submit Documentation Feedback
Product Folder Link(s): AM3359 AM3358 AM3357 AM3356 AM3354 AM3352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com