Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 104 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3359 Datasheet(HTML) 104 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 100Page - Texas Instruments AM3359 Datasheet HTML 101Page - Texas Instruments AM3359 Datasheet HTML 102Page - Texas Instruments AM3359 Datasheet HTML 103Page - Texas Instruments AM3359 Datasheet HTML 104Page - Texas Instruments AM3359 Datasheet HTML 105Page - Texas Instruments AM3359 Datasheet HTML 106Page - Texas Instruments AM3359 Datasheet HTML 107Page - Texas Instruments AM3359 Datasheet HTML 108Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 195 page
background image
GMII[x]_TXCLK
2
3
1
4
4
GMII[x]_MRCLK (Input)
1
2
GMII[x]_RXD[3:0], GMII[x]_RXDV,
GMII[x]_RXER (Inputs)
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
SPRS717B
– OCTOBER 2011 – REVISED JANUARY 2012
www.ti.com
Table 5-3. Timing Requirements for GMII[x]_TXCLK - MII Mode
(see Figure 5-2)
10 Mbps
100 Mbps
NO.
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
1
tc(TX_CLK)
Cycle time, TX_CLK
399.96
400.04
39.996
40.004
ns
2
tw(TX_CLKH)
Pulse Duration, TX_CLK high
140
260
14
26
ns
3
tw(TX_CLKL)
Pulse Duration, TX_CLK low
140
260
14
26
ns
4
tt(TX_CLK)
Transition time, TX_CLK
5
5
ns
Figure 5-2. GMII[x]_TXCLK Timing - MII Mode
Table 5-4. Timing Requirements for GMII[x]_RXD[3:0], GMII[x]_RXDV, and GMII[x]_RXER - MII Mode
(see Figure 5-3)
10 Mbps
100 Mbps
NO.
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
tsu(RXD-RX_CLK)
Setup time, RXD[3:0] valid before RX_CLK
1
tsu(RX_DV-RX_CLK)
Setup time, RX_DV valid before RX_CLK
8
8
ns
tsu(RX_ER-RX_CLK)
Setup time, RX_ER valid before RX_CLK
th(RX_CLK-RXD)
Hold time RXD[3:0] valid after RX_CLK
2
th(RX_CLK-RX_DV)
Hold time RX_DV valid after RX_CLK
8
8
ns
th(RX_CLK-RX_ER)
Hold time RX_ER valid after RX_CLK
Figure 5-3. GMII[x]_RXD[3:0], GMII[x]_RXDV, GMII[x]_RXER Timing - MII Mode
104
Peripheral Information and Timings
Copyright
© 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3359 AM3358 AM3357 AM3356 AM3354 AM3352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com