Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 109 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3359 Datasheet(HTML) 109 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 105Page - Texas Instruments AM3359 Datasheet HTML 106Page - Texas Instruments AM3359 Datasheet HTML 107Page - Texas Instruments AM3359 Datasheet HTML 108Page - Texas Instruments AM3359 Datasheet HTML 109Page - Texas Instruments AM3359 Datasheet HTML 110Page - Texas Instruments AM3359 Datasheet HTML 111Page - Texas Instruments AM3359 Datasheet HTML 112Page - Texas Instruments AM3359 Datasheet HTML 113Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 195 page
background image
RGMII[x]_TCLK
4
4
2
3
1
RGMII[x]_TCLK
(A)
RGMII[x]_TD[3:0]
(B)
RGMII[x]_TCTL
(B)
1
1st Half-byte
TXERR
TXEN
2nd Half-byte
1
2
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
www.ti.com
SPRS717B
– OCTOBER 2011 – REVISED JANUARY 2012
Table 5-11. Switching Characteristics for RGMII[x]_TCLK - RGMII Mode
(see Figure 5-10)
10 Mbps
100 Mbps
1000 Mbps
NO.
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
1
tc(TXC)
Cycle time, TXC
360
440
36
44
7.2
8.8
ns
Pulse duration, TXC
2
tw(TXCH)
160
240
16
24
3.6
4.4
ns
high
3
tw(TXCL)
Pulse duration, TXC low
160
240
16
24
3.6
4.4
ns
4
tt(TXC)
Transition time, TXC
0.75
0.75
0.75
ns
Figure 5-10. RGMII[x]_TCLK Timing - RGMII Mode
Table 5-12. Switching Characteristics for RGMII[x]_TD[3:0], and RGMII[x]_TCTL - RGMII Mode
(see Figure 5-11)
10 Mbps
100 Mbps
1000 Mbps
NO.
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
tsk(TD-TXC)
TD to TXC output skew
-0.5
0.5
-0.5
0.5
-0.5
0.5
1
ns
tsk(TX_CTL-TXC)
TX_CTL to TXC output skew
-0.5
0.5
-0.5
0.5
-0.5
0.5
tt(TD)
Transition time, TD
0.75
0.75
0.75
2
ns
tt(TX_CTL)
Transition time, TX_CTL
0.75
0.75
0.75
A.
The Ethernet MAC/Switch implemented in the AM335x device supports internal delay mode, but timing closure was
not performed for this mode of operation. Therefore, the AM335x device does not support internal delay mode.
B.
Data and control information is transmitted using both edges of the clocks. RGMII[x]_TD[3:0] carries data bits 3-0 on
the rising edge of RGMII[x]_TCLK and data bits 7-4 on the falling edge of RGMII[x]_TCLK. Similarly, RGMII[x]_TCTL
carries TXEN on rising edge of RGMII[x]_TCLK and TXERR of falling edge of RGMII[x]_TCLK.
Figure 5-11. RGMII[x]_TD[3:0], RGMII[x]_TCTL Timing - RGMII Mode
Copyright
© 2011–2012, Texas Instruments Incorporated
Peripheral Information and Timings
109
Submit Documentation Feedback
Product Folder Link(s): AM3359 AM3358 AM3357 AM3356 AM3354 AM3352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com