Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 110 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3359 Datasheet(HTML) 110 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 106Page - Texas Instruments AM3359 Datasheet HTML 107Page - Texas Instruments AM3359 Datasheet HTML 108Page - Texas Instruments AM3359 Datasheet HTML 109Page - Texas Instruments AM3359 Datasheet HTML 110Page - Texas Instruments AM3359 Datasheet HTML 111Page - Texas Instruments AM3359 Datasheet HTML 112Page - Texas Instruments AM3359 Datasheet HTML 113Page - Texas Instruments AM3359 Datasheet HTML 114Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 195 page
background image
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
SPRS717B
– OCTOBER 2011 – REVISED JANUARY 2012
www.ti.com
5.4
External Memory Interfaces
The device includes the following external memory interfaces:
•
General-purpose memory controller (GPMC)
•
mDDR(LPDDR)/DDR2/DDR3 Memory Interface (EMIF)
5.4.1
General-Purpose Memory Controller (GPMC)
NOTE
For more information, see the Memory Subsystem/General-Purpose Memory Controller
section of the AM335x ARM Cortex-A8 Microprocessors (MPUs) Technical Reference
Manual (literature number SPRUH73).
The GPMC is the unified memory controller used to interface external memory devices such as:
•
Asynchronous SRAM-like memories and ASIC devices
•
Asynchronous page mode and synchronous burst NOR flash
•
NAND flash
5.4.1.1
GPMC/NOR Flash
—Synchronous Mode
Synchronous mode is not supported for OPP50.
Table 5-14 and Table 5-15 assume testing over the recommended operating conditions and electrical
characteristic conditions below (see Figure 5-12 through Figure 5-16).
Table 5-13. GPMC/NOR Flash Timing Conditions
—Synchronous Mode
TIMING CONDITION PARAMETER
MIN
TYP
MAX
UNIT
Input Conditions
tR
Input signal rise time
1
5
ns
tF
Input signal fall time
1
5
ns
Output Condition
CLOAD
Output load capacitance
3
30
pF
Table 5-14. GPMC/NOR Flash Timing Requirements
—Synchronous Mode
OPP100
NO.
PARAMETER
UNIT
MIN
MAX
F12
tsu(dV-clkH)
Setup time, input data gpmc_ad[15:0] valid before output clock gpmc_clk
3.2
ns
high
F13
th(clkH-dV)
Hold time, input data gpmc_ad[15:0] valid after output clock gpmc_clk high
2.5
ns
F21
tsu(waitV-clkH)
Setup time, input wait gpmc_wait[x](1) valid before output clock gpmc_clk
3.2
ns
high
F22
th(clkH-waitV)
Hold time, input wait gpmc_wait[x](1) valid after output clock gpmc_clk high
2.5
ns
(1) In gpmc_wait[x], x is equal to 0 or 1.
110
Peripheral Information and Timings
Copyright
© 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3359 AM3358 AM3357 AM3356 AM3354 AM3352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com