Electronic Components Datasheet Search
  English  ▼

X  

CC1021 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # CC1021
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1021 Datasheet(HTML) 42 Page - Texas Instruments

Back Button CC1021 Datasheet HTML 38Page - Texas Instruments CC1021 Datasheet HTML 39Page - Texas Instruments CC1021 Datasheet HTML 40Page - Texas Instruments CC1021 Datasheet HTML 41Page - Texas Instruments CC1021 Datasheet HTML 42Page - Texas Instruments CC1021 Datasheet HTML 43Page - Texas Instruments CC1021 Datasheet HTML 44Page - Texas Instruments CC1021 Datasheet HTML 45Page - Texas Instruments CC1021 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 94 page
background image
CC1021
SWRS045C
Page 42 of 87
Power down
Crystal oscillator and bias off
Frequency synthesizer off
Receive chain off
Wait for PLL
lock or timeout,
127 filter clocks
Turn on crystal oscillator/bias
Frequency synthesizer off
Receive chain off
Crystal oscillator and bias on
Turn on frequency synthesizer
Receive chain off
Optional waiting time before
turning on receive chain
Programmable:
32-256 ADC clocks
Crystal oscillator and bias on
Frequency synthesizer on
Turn on receive chain
Receive mode
Crystal oscillator and bias on
Frequency synthesizer on
Receive chain on
Wait for
carrier sense or timeout
Programmable: 20-72
filter clocks
Set
SEQ_ERROR
flag in STATUS
register
Optional calibration
Programmable: each time,
once in 16, or once in 256
Receive chain off
PLL in lock
PLL timeout
Sequencing wake-up event
Carrier sense timeout
Carrier sense
(negative transition on
PSEL pin or DIO pin)
(Positive transition on SEQ_PD in MAIN register)
Sequencing power-down event
Figure 21. Automatic power-up sequencing flow chart
Notes to Figure 21:
Filter clock (FILTER_CLK):
ChBW
f
clock
filter
⋅
= 2
_
where ChBW is defined on page 30.
ADC clock (ADC_CLK):
[] )1
0
:
2
_
(
2
+
⋅
=
DIV
ADC
f
f
xoscx
ADC
where ADC_DIV[2:0] is set in the MODEM
register.
12.13. Automatic Frequency Control
CC1021 has a built-in feature called AFC
(Automatic Frequency Control) that can be
used to compensate for frequency drift.
The average frequency offset of the
received signal (from the nominal IF
frequency) can be read in the AFC
register. The signed (2’s-complement) 8-
bit value AFC[7:0] can be used to
compensate for frequency offset between
transmitter and receiver.
The frequency offset is given by:
∆F = AFC·Baud rate / 16
The receiver can be calibrated against the
transmitter by changing the operating
frequency according to the measured



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com