Electronic Components Datasheet Search
  English  ▼

X  

CC1021 Datasheet(PDF) 81 Page - Texas Instruments

Click here to check the latest version.
Part # CC1021
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1021 Datasheet(HTML) 81 Page - Texas Instruments

Back Button CC1021 Datasheet HTML 77Page - Texas Instruments CC1021 Datasheet HTML 78Page - Texas Instruments CC1021 Datasheet HTML 79Page - Texas Instruments CC1021 Datasheet HTML 80Page - Texas Instruments CC1021 Datasheet HTML 81Page - Texas Instruments CC1021 Datasheet HTML 82Page - Texas Instruments CC1021 Datasheet HTML 83Page - Texas Instruments CC1021 Datasheet HTML 84Page - Texas Instruments CC1021 Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 94 page
background image
CC1021
SWRS045C
Page 81 of 87
TEST1 Register (21h, for test only)
REGISTER
NAME
Default
value
Active
Description
TEST1[7:4]
CAL_DAC_OPEN[3:0]
4
-
Calibration DAC override value, active when
BREAK_LOOP=1
TEST1[3:0]
CHP_CO[3:0]
13
-
Charge pump current override value
TEST2 Register (22h, for test only)
REGISTER
NAME
Default
value
Active
Description
TEST2[7]
BREAK_LOOP
0
H
0: PLL loop closed
1: PLL loop open
TEST2[6]
CHP_OVERRIDE
0
H
0: use calibrated value
1: use CHP_CO[3:0] value
TEST2[5]
VCO_OVERRIDE
0
H
0: use calibrated value
1: use VCO_AO[4:0] value
TEST2[4:0]
VCO_AO[4:0]
16
-
VCO_ARRAY override value
TEST3 Register (23h, for test only)
REGISTER
NAME
Default
value
Active
Description
TEST3[7]
VCO_CAL_MANUAL
0
H
Enables “manual” VCO calibration (test only)
TEST3[6]
VCO_CAL_OVERRIDE
0
H
Override VCO current calibration
0: Use calibrated value
1: Use VCO_CO[5:0] value
VCO_CAL_OVERRIDE controls VCO_CAL_CLK if
VCO_CAL_MANUAL=1. Negative transitions are then
used to sample VCO_CAL_COMP.
TEST3[5:0]
VCO_CO[5:0]
6
-
VCO_CAL_CURRENT override value
TEST4 Register (24h, for test only)
REGISTER
NAME
Default
value
Active
Description
TEST4[7]
CHP_DISABLE
0
H
Disable normal charge pump operation
TEST4[6]
CHP_TEST_UP
0
H
Force charge pump to output “up” current
TEST4[5]
CHP_TEST_DN
0
H
Force charge pump to output “down” current
TEST4[4:3]
TM_IQ[1:0]
0
-
Value of differential I and Q outputs from mixer when
TM_ENABLE=1
0: I output negative, Q output negative
1: I output negative, Q output positive
2: I output positive, Q output negative
3: I output positive, Q output positive
TEST4[2]
TM_ENABLE
0
H
Enable DC control of mixer output (for testing)
TEST4[1]
TF_ENABLE
0
H
Connect analog test module to filter inputs
TEST4[0]
TA_ENABLE
0
H
Connect analog test module to ADC inputs
If TF_ENABLE=1 or TA_ENABLE=1 in TEST4 register, then INTERFACE[3:0] controls analog test
module: INTERFACE[3] = TEST_PD, INTERFACE[2:0] = TEST_MODE[2:0]. Otherwise, TEST_PD=1
and TEST_MODE[2]=1.
TEST5 Register (25h, for test only)
REGISTER
NAME
Default
value
Active
Description
TEST5[7]
F_COMP_ENABLE
0
H
Enable frequency comparator output F_COMP from
phase detector
TEST5[6]
SET_DITHER_CLOCK
1
H
Enable dithering of delta-sigma clock
TEST5[5]
ADC_TEST_OUT
0
H
Outputs ADC samples on LOCK and DIO, while
ADC_CLK is output on DCLK
TEST5[4]
CHOP_DISABLE
0
H
Disable chopping in ADC integrators
TEST5[3]
SHAPING_DISABLE
0
H
Disable ADC feedback mismatch shaping
TEST5[2]
VCM_ROT_DISABLE
0
H
Disable rotation for VCM mismatch shaping
TEST5[1:0]
ADC_ROTATE[1:0]
0
-
Control ADC input rotation
0: Rotate in 00 01 10 11 sequence
1: Rotate in 00 10 11 01 sequence
2: Always use 00 position
3: Rotate in 00 10 00 10 sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com