Electronic Components Datasheet Search
  English  ▼

X  

CC1021 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # CC1021
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1021 Datasheet(HTML) 23 Page - Texas Instruments

Back Button CC1021 Datasheet HTML 19Page - Texas Instruments CC1021 Datasheet HTML 20Page - Texas Instruments CC1021 Datasheet HTML 21Page - Texas Instruments CC1021 Datasheet HTML 22Page - Texas Instruments CC1021 Datasheet HTML 23Page - Texas Instruments CC1021 Datasheet HTML 24Page - Texas Instruments CC1021 Datasheet HTML 25Page - Texas Instruments CC1021 Datasheet HTML 26Page - Texas Instruments CC1021 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 94 page
background image
CC1021
SWRS045C
Page 23 of 87
9.1.
4-wire Serial Configuration Interface
CC1021 is configured via a simple 4-wire
SPI-compatible
interface
(PDI,
PDO,
PCLK and PSEL) where
CC1021 is the
slave.
There
are
8-bit
configuration
registers, each addressed by a 7-bit
address. A Read/Write bit initiates a read
or write operation. A full configuration of
CC1021 requires sending 33 data frames of
16 bits each (7 address bits, R/W bit and 8
data bits). The time needed for a full
configuration depends on the PCLK
frequency. With a PCLK frequency of 10
MHz the full configuration is done in less
than 53
µs. Setting the device in power
down mode requires sending one frame
only and will in this case take less than 2
µs. All registers are also readable.
During each write-cycle, 16 bits are sent
on
the
PDI-line.
The
seven
most
significant bits of each data frame (A6:0)
are the address-bits. A6 is the MSB (Most
Significant Bit) of the address and is sent
as the first bit. The next bit is the R/W bit
(high for write, low for read). The 8 data-
bits are then transferred (D7:0). During
address and data transfer the PSEL
(Program SELect) must be kept low. See
Figure 7.
The timing for the programming is also
shown in Figure 7 with reference to Table
14. The clocking of the data on PDI is
done on the positive edge of PCLK. Data
should be set up on the negative edge of
PCLK by the microcontroller. When the
last bit, D0, of the 8 data-bits has been
loaded, the data word is loaded into the
internal configuration register.
The configuration data will be retained
during a programmed power down mode,
but not when the power supply is turned
off. The registers can be programmed in
any order.
The configuration registers can also be
read by the microcontroller via the same
configuration interface. The seven address
bits are sent first, then the R/W bit set low
to initiate the data read-back.
CC1021 then
returns the data from the addressed
register. PDO is used as the data output
and must be configured as an input by the
microcontroller. The PDO is set at the
negative edge of PCLK and should be
sampled at the positive edge. The read
operation is illustrated in Figure 8.
PSEL must be set high between each
read/write operation.
PCLK
PDI
PSEL
Address
Write mode
65
4
321
0
7
6
5
4
3
2
1
0
Data byte
T
HD
T
SS
T
CL,min
T
CH,min
T
HS
W
T
SD
PDO
Figure 7. Configuration registers write operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com