Electronic Components Datasheet Search
  English  ▼

X  

CC1021 Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # CC1021
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1021 Datasheet(HTML) 67 Page - Texas Instruments

Back Button CC1021 Datasheet HTML 63Page - Texas Instruments CC1021 Datasheet HTML 64Page - Texas Instruments CC1021 Datasheet HTML 65Page - Texas Instruments CC1021 Datasheet HTML 66Page - Texas Instruments CC1021 Datasheet HTML 67Page - Texas Instruments CC1021 Datasheet HTML 68Page - Texas Instruments CC1021 Datasheet HTML 69Page - Texas Instruments CC1021 Datasheet HTML 70Page - Texas Instruments CC1021 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 94 page
background image
CC1021
SWRS045C
Page 67 of 87
INTERFACE Register (01h)
REGISTER
NAME
Default
value
Active
Description
INTERFACE[7]
XOSC_BYPASS
0
H
Bypass internal crystal oscillator, use external clock
0: Internal crystal oscillator is used, or external sine wave fed
through a coupling capacitor
1: Internal crystal oscillator in power down, external clock
with rail-to-rail swing is used
INTERFACE[6]
SEP_DI_DO
0
H
Use separate pin for RX data output
0: DIO is data output in RX and data input in TX. LOCK pin
is available (Normal operation).
1: DIO is always input, and a separate pin is used for RX
data output (synchronous mode: LOCK pin, asynchronous
mode: DCLK pin).
If SEP_DI_DO=1 and SEQ_PSEL=0 in SEQUENCING
register then negative transitions on DIO is used to start
power-up sequencing when PD_MODE=3 (power-up
sequencing is enabled).
INTERFACE[5]
DCLK_LOCK
0
H
Gate DCLK signal with PLL lock signal in synchronous mode
Only applies when PD_MODE = “01”
0: DCLK is always 1
1: DCLK is always 1 unless PLL is in lock
INTERFACE[4]
DCLK_CS
0
H
Gate DCLK signal with carrier sense indicator in
synchronous mode
Use when receive chain is active (in power-up)
Always set to 0 in TX mode.
0: DCLK is independent of carrier sense indicator.
1: DCLK is always 1 unless carrier sense is indicated
INTERFACE[3]
EXT_PA
0
H
Use PA_EN pin to control external PA
0: PA_EN pin always equals EXT_PA_POL bit
1: PA_EN pin is asserted when internal PA is turned on
INTERFACE[2]
EXT_LNA
0
H
Use LNA_EN pin to control external LNA
0: LNA_EN pin always equals EXT_LNA_POL bit
1: LNA_EN pin is asserted when internal LNA is turned on
INTERFACE[1]
EXT_PA_POL
0
H
Polarity of external PA control
0: PA_EN pin is “0” when activating external PA
1: PA_EN pin is “1” when activating external PA
INTERFACE[0]
EXT_LNA_POL
0
H
Polarity of external LNA control
0: LNA_EN pin is “0” when activating external LNA
1: LNA_EN pin is “1” when activating external LNA
Note: If TF_ENABLE=1 or TA_ENABLE=1 in TEST4 register, then INTERFACE[3:0] controls analog test
module: INTERFACE[3] = TEST_PD, INTERFACE[2:0] = TEST_MODE[2:0]. Otherwise, TEST_PD=1
and TEST_MODE[2:0]=001.
RESET Register (02h)
REGISTER
NAME
Default
value
Active
Description
RESET[7]
ADC_RESET_N
0
L
Reset ADC control logic
RESET[6]
AGC_RESET_N
0
L
Reset AGC (VGA control) logic
RESET[5]
GAUSS_RESET_N
0
L
Reset Gaussian data filter
RESET[4]
AFC_RESET_N
0
L
Reset AFC / FSK decision level logic
RESET[3]
BITSYNC_RESET_N
0
L
Reset modulator, bit synchronization logic and PN9
PRBS generator
RESET[2]
SYNTH_RESET_N
0
L
Reset digital part of frequency synthesizer
RESET[1]
SEQ_RESET_N
0
L
Reset power-up sequencing logic
RESET[0]
CAL_LOCK_RESET_N
0
L
Reset calibration logic and lock detector
Note: For reset of CC1021 write RESET_N=0 in the MAIN register. The reset register should not be
used during normal operation.
Bits in the RESET register are self-clearing (will be set to 1 when the reset operation starts). Relevant
digital clocks must be running for the resetting to complete. After writing to the RESET register, the user
should verify that all reset operations have been completed, by reading the RESET_DONE status
register (41h) until all bits equal 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com