Electronic Components Datasheet Search
  English  ▼

X  

CC1021 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # CC1021
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1021 Datasheet(HTML) 14 Page - Texas Instruments

Back Button CC1021 Datasheet HTML 10Page - Texas Instruments CC1021 Datasheet HTML 11Page - Texas Instruments CC1021 Datasheet HTML 12Page - Texas Instruments CC1021 Datasheet HTML 13Page - Texas Instruments CC1021 Datasheet HTML 14Page - Texas Instruments CC1021 Datasheet HTML 15Page - Texas Instruments CC1021 Datasheet HTML 16Page - Texas Instruments CC1021 Datasheet HTML 17Page - Texas Instruments CC1021 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 94 page
background image
CC1021
SWRS045C
Page 14 of 87
4.7.
Digital Inputs / Outputs
Parameter
Min
Typ
Max
Unit
Condition / Note
Logic "0" input voltage
0
0.3*
VDD
V
Logic "1" input voltage
0.7*
VDD
VDD
V
Logic "0" output voltage
0
0.4
V
Output current −2.0 mA,
3.0 V supply voltage
Logic "1" output voltage
2.5
VDD
V
Output current 2.0 mA,
3.0 V supply voltage
Logic "0" input current
NA
−1
µA
Input signal equals GND.
PSEL has an internal pull-up
resistor and during configuration
the current will be -350
µA.
Logic "1" input current
NA
1
µA
Input signal equals VDD
DIO setup time
20
ns
TX mode, minimum time DIO
must be ready before the positive
edge of DCLK. Data should be
set up on the negative edge of
DCLK.
DIO hold time
10
ns
TX mode, minimum time DIO
must be held after the positive
edge of DCLK. Data should be
set up on the negative edge of
DCLK.
Serial interface (PCLK, PDI, PDO
and PSEL) timing specification
See Table 14 on page 24 for
more details
Pin drive, LNA_EN, PA_EN
0.90
0.87
0.81
0.69
0.93
0.92
0.89
0.79
mA
mA
mA
mA
mA
mA
mA
mA
Source current
0 V on LNA_EN, PA_EN pins
0.5 V on LNA_EN, PA_EN pins
1.0 V on LNA_EN, PA_EN pins
1.5 V on LNA_EN, PA_EN pins
Sink current
3.0 V on LNA_EN, PA_EN pins
2.5 V on LNA_EN, PA_EN pins
2.0 V on LNA_EN, PA_EN pins
1.5 V on LNA_EN, PA_EN pins
See Figure 35 on page 61 for
more details.
Table 9. Digital inputs / outputs parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com