Electronic Components Datasheet Search
  English  ▼

X  

CC1021 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CC1021
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1021 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CC1021 Datasheet HTML 2Page - Texas Instruments CC1021 Datasheet HTML 3Page - Texas Instruments CC1021 Datasheet HTML 4Page - Texas Instruments CC1021 Datasheet HTML 5Page - Texas Instruments CC1021 Datasheet HTML 6Page - Texas Instruments CC1021 Datasheet HTML 7Page - Texas Instruments CC1021 Datasheet HTML 8Page - Texas Instruments CC1021 Datasheet HTML 9Page - Texas Instruments CC1021 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 94 page
background image
CC1021
SWRS045C
Page 6 of 87
4.1.
RF Transmit Section
Parameter
Min
Typ
Max
Unit
Condition / Note
Transmit data rate
0.45
153.6
kBaud
The data rate is programmable.
See section 10 on page 27 for
details.
NRZ or Manchester encoding can
be used. 153.6 kBaud equals
153.6 kbps using NRZ coding
and 76.8 kbps using Manchester
coding. See section 9.2 on page
25 for details
Minimum data rate for OOK is 2.4
kBaud
Binary FSK frequency separation
0
0
108
216
kHz
kHz
in 402 - 470 MHz range
in 804 - 960 MHz range
108/216 kHz is the maximum
specified separation at 1.84 MHz
reference frequency. Larger
separations can be achieved at
higher reference frequencies.
Output power
433 MHz
868 MHz
-20 to +10
-20 to +5
dBm
dBm
Delivered to 50
Ω single-ended
load. The output power is
programmable and should not be
programmed to exceed +10/+5
dBm at 433/868 MHz under any
operating conditions. See section
14 on page 46 for details.
Output power tolerance
-4
+3
dB
dB
At maximum output power
At 2.3 V, +85
oC
At 3.6 V, -40
oC
Harmonics, radiated CW
2
nd harmonic, 433 MHz, +10 dBm
3
rd harmonic, 433 MHz, +10 dBm
2
nd harmonic, 868 MHz, +5 dBm
3
rd harmonic, 868 MHz, +5 dBm
-50
-50
-50
-50
dBc
dBc
dBc
dBc
Harmonics are measured as
EIRP values according to EN 300
220. The antenna (SMAFF-433
and SMAFF-868 from R.W.
Badland) plays a part in
attenuating the harmonics.
Adjacent channel power (GFSK)
433 MHz
868 MHz
-46
-42
dBc
dBc
ACP is measured in a 100 kHz
bandwidth at ±100 kHz offset.
Modulation: 19.2 kBaud NRZ
PN9 sequence, ±19.8 kHz
frequency deviation.
Occupied bandwidth (99.5%,GFSK)
433 MHz
868 MHz
60
60
kHz
kHz
Bandwidth for 99.5% of total
average power.
Modulation: 19.2 kBaud NRZ
PN9 sequence, ±19.8 kHz
frequency deviation.
Modulation bandwidth, 868 MHz
19.2 kBaud, ±9.9 kHz frequency
deviation
38.4 kBaud, ±19.8 kHz frequency
deviation
48
106
kHz
kHz
Bandwidth where the power
envelope of modulation equals
–36 dBm. Spectrum analyzer
RBW = 1 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com