Electronic Components Datasheet Search
  English  ▼

X  

CC1021 Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # CC1021
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1021 Datasheet(HTML) 56 Page - Texas Instruments

Back Button CC1021 Datasheet HTML 52Page - Texas Instruments CC1021 Datasheet HTML 53Page - Texas Instruments CC1021 Datasheet HTML 54Page - Texas Instruments CC1021 Datasheet HTML 55Page - Texas Instruments CC1021 Datasheet HTML 56Page - Texas Instruments CC1021 Datasheet HTML 57Page - Texas Instruments CC1021 Datasheet HTML 58Page - Texas Instruments CC1021 Datasheet HTML 59Page - Texas Instruments CC1021 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 94 page
background image
CC1021
SWRS045C
Page 56 of 87
Turn on crystal oscillator core
MAIN: PD_MODE=1, FS_PD=1, XOSC_PD=0, BIAS_PD=1
Wait 1.2 ms*
Power Down mode
*Time to wait depends
on the crystal frequency
and the load capacitance
Wait until lock detected from LOCK pin
or STATUS register
Turn on RX: MAIN: PD_MODE = 0
Wait until lock detected from LOCK pin
or STATUS register
Turn on TX: MAIN: PD_MODE = 0
Set PA_POWER
RX mode
TX mode
Turn off RX/TX:
MAIN: PD_MODE = 1, FS_PD=1,
XOSC_PD=1, BIAS_PD=1
PA_POWER=00h
Power Down mode
Turn on frequency synthesizer
MAIN: RXTX=0, F_REG=0, FS_PD=0
Turn on frequency synthesizer
MAIN: RXTX=1, F_REG=1, FS_PD=0
RX or TX?
RX
TX
Turn on bias generator. MAIN: BIAS_PD=0
Wait 150 us
Turn on crystal oscillator core
MAIN: PD_MODE=1, FS_PD=1, XOSC_PD=0, BIAS_PD=1
Wait 1.2 ms*
Power Down mode
Power Down mode
*Time to wait depends
on the crystal frequency
and the load capacitance
Wait until lock detected from LOCK pin
or STATUS register
Turn on RX: MAIN: PD_MODE = 0
Wait until lock detected from LOCK pin
or STATUS register
Turn on TX: MAIN: PD_MODE = 0
Set PA_POWER
Wait until lock detected from LOCK pin
or STATUS register
Turn on RX: MAIN: PD_MODE = 0
Wait until lock detected from LOCK pin
or STATUS register
Turn on TX: MAIN: PD_MODE = 0
Set PA_POWER
RX mode
TX mode
RX mode
RX mode
TX mode
TX mode
Turn off RX/TX:
MAIN: PD_MODE = 1, FS_PD=1,
XOSC_PD=1, BIAS_PD=1
PA_POWER=00h
Power Down mode
Power Down mode
Turn on frequency synthesizer
MAIN: RXTX=0, F_REG=0, FS_PD=0
Turn on frequency synthesizer
MAIN: RXTX=1, F_REG=1, FS_PD=0
Turn on frequency synthesizer
MAIN: RXTX=0, F_REG=0, FS_PD=0
Turn on frequency synthesizer
MAIN: RXTX=1, F_REG=1, FS_PD=0
RX or TX?
RX
TX
Turn on bias generator. MAIN: BIAS_PD=0
Wait 150 us
Figure 31. Sequence for activating RX or TX mode
18.
On-Off Keying (OOK)
The data modulator can also provide OOK
(On-Off Keying) modulation. OOK is an
ASK (Amplitude Shift Keying) modulation
using 100% modulation depth. OOK
modulation is enabled in RX and in TX by
setting TXDEV_M[3:0] = 0000 in the
DEVIATION
register.
An
OOK
eye
diagram is shown in Figure 32.
The data demodulator can also perform
OOK demodulation. The demodulation is
done by comparing the signal level with



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com