Electronic Components Datasheet Search
  English  ▼

X  

CC1021 Datasheet(PDF) 85 Page - Texas Instruments

Click here to check the latest version.
Part # CC1021
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1021 Datasheet(HTML) 85 Page - Texas Instruments

Back Button CC1021 Datasheet HTML 81Page - Texas Instruments CC1021 Datasheet HTML 82Page - Texas Instruments CC1021 Datasheet HTML 83Page - Texas Instruments CC1021 Datasheet HTML 84Page - Texas Instruments CC1021 Datasheet HTML 85Page - Texas Instruments CC1021 Datasheet HTML 86Page - Texas Instruments CC1021 Datasheet HTML 87Page - Texas Instruments CC1021 Datasheet HTML 88Page - Texas Instruments CC1021 Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 94 page
background image
CC1021
SWRS045C
Page 85 of 87
27.
Package Marking
When contacting technical support with a chip-related question, please state the entire
marking information as shown below.
CC1021
TI YMG
MLLL G4
o – pin one symbolization
TI – TI letters
YM – Year Month Date Code
GMLLL – Assy Lot Code
G4 – fixed code
28.
Soldering Information
The recommendations for lead-free reflow in IPC/JEDEC J-STD-020 should be followed.
29.
Plastic Tube Specification
Description: MAGAZINE, 7X7 QFN
Tube Specification
Device
Package
Tube Width
Tube Length
Units per Tube
CC1021RUZ
QFN 32
8.91 mm
381 mm
52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com