Electronic Components Datasheet Search
  English  ▼

X  

CC1021 Datasheet(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
Part # CC1021
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1021 Datasheet(HTML) 62 Page - Texas Instruments

Back Button CC1021 Datasheet HTML 58Page - Texas Instruments CC1021 Datasheet HTML 59Page - Texas Instruments CC1021 Datasheet HTML 60Page - Texas Instruments CC1021 Datasheet HTML 61Page - Texas Instruments CC1021 Datasheet HTML 62Page - Texas Instruments CC1021 Datasheet HTML 63Page - Texas Instruments CC1021 Datasheet HTML 64Page - Texas Instruments CC1021 Datasheet HTML 65Page - Texas Instruments CC1021 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 94 page
background image
CC1021
SWRS045C
Page 62 of 87
Narrowband systems
CC1021 is recommended for narrowband
applications with channel spacing of 50
kHz and higher complying with FCC
CFR47 part 15 and EN 300 220.
CC1020 is recommended in narrowband
applications with channel spacing of 12.5
or 25 kHz complying with ARIB STD T-67
and EN 300 220.
CC1020 and CC1021 are fully compatible for
channel spacings of 50 kHz and higher
(receiver channel filter bandwidths of 38.4
kHz and higher).
Due to on-chip complex filtering, the image
frequency
is
removed.
An
on-chip
calibration circuit is used to get the best
possible image rejection. A narrowband
preselector filter is not necessary to
achieve image rejection.
A unique feature in
CC1021 is the very fine
frequency resolution. This can be used for
temperature compensation of the crystal if
the temperature drift curve is known and a
temperature sensor is included in the
system. Even initial adjustment can be
performed
using
the
frequency
programmability. This eliminates the need
for an expensive TCXO and trimming in
some applications. For more details refer
to Application Note AN027 Temperature
Compensation available from the TI web
site.
In less demanding applications, a crystal
with low temperature drift and low aging
could
be
used
without
further
compensation. A trimmer capacitor in the
crystal oscillator circuit (in parallel with C5)
could be used to set the initial frequency
accurately.
The
frequency
offset
between
a
transmitter and receiver is measured in the
CC1021 and can be read back from the
AFC register. The measured frequency
offset can be used to calibrate the receiver
frequency using the transmitter as the
reference. For more details refer to
Application Note AN029 CC1020/1021
AFC available from the TI web site.
CC1021 also has the possibility to use
Gaussian shaped FSK (GFSK). This
spectrum-shaping
feature
improves
adjacent
channel
power
(ACP)
and
occupied bandwidth. In ‘true’ FSK systems
with
abrupt
frequency
shifting,
the
spectrum is inherently broad. By making
the frequency shift ‘softer’, the spectrum
can be made significantly narrower. Thus,
higher data rates can be transmitted in the
same bandwidth using GFSK.
Low cost systems
As the
CC1021 provide true narrowband
multi-channel performance without any
external filters, a very low cost high
performance system can be achieved. The
oscillator crystal can then be a low cost
crystal with 50 ppm frequency tolerance
using
the
on-chip
frequency
tuning
possibilities.
Battery operated systems
In low power applications, the power down
mode should be used when
CC1021 is not
being active. Depending on the start-up
time requirement, the oscillator core can
be powered during power down. See
section 17 page 54 for information on how
effective power management can be
implemented.
High reliability systems
Using a SAW filter as a preselector will
improve the communication reliability in
harsh environments by reducing the
probability of blocking. The receiver
sensitivity and the output power will be
reduced due to the filter insertion loss. By
inserting the filter in the RX path only,
together with an external RX/TX switch,
only the receiver sensitivity is reduced and
output power is remained. The PA_EN
and LNA_EN pin can be configured to
control an external LNA, RX/TX switch or
power amplifier. This is controlled by the
INTERFACE register.
Frequency hopping spread spectrum
systems (FHSS)
Due to the very fast locking properties of
the PLL, the
CC1021 is also very suitable for
frequency hopping systems. Hop rates of
1-100
hops/s
are
commonly
used
depending on the bit rate and the amount
of
data
to
be
sent
during
each
transmission. The two frequency registers
(FREQ_A and FREQ_B) are designed
such that the ‘next’ frequency can be
programmed while the ‘present’ frequency
is used. The switching between the two



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com