Electronic Components Datasheet Search
  English  ▼

X  

CC1021 Datasheet(PDF) 87 Page - Texas Instruments

Click here to check the latest version.
Part # CC1021
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1021 Datasheet(HTML) 87 Page - Texas Instruments

Back Button CC1021 Datasheet HTML 83Page - Texas Instruments CC1021 Datasheet HTML 84Page - Texas Instruments CC1021 Datasheet HTML 85Page - Texas Instruments CC1021 Datasheet HTML 86Page - Texas Instruments CC1021 Datasheet HTML 87Page - Texas Instruments CC1021 Datasheet HTML 88Page - Texas Instruments CC1021 Datasheet HTML 89Page - Texas Instruments CC1021 Datasheet HTML 90Page - Texas Instruments CC1021 Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 94 page
background image
CC1021
SWRS045C
Page 87 of 87
31.
General Information
Document Revision History
Revision
Date
Description/Changes
1.0
February 2004
First edition
1.1
December 2004
The various sections have been reorganized to improve readability
Added chapter numbering
Reorganized electrical specification section
Electrical specifications updated
Changes to sensitivity figures
Changes to TX spurious emission and harmonics figures
Changes to current consumption figures in RX and TX mode and crystal
oscillator, bias and synthesizer mode
Changes to noise figure
Added figures on modulation bandwidth
Updates to section on input / output matching
Updates to section on VCO and PLL self-calibration
Updates to section on VCO, charge pump and PLL loop filter
Updates to section on receiver channel filter bandwidth
Updates to section on RSSI
Updates to section on image rejection calibration
Updates to section on preamble length and sync word
Description of OOK modulation and demodulation merged into one section
New bill of materials for operation at 433 MHz and 868/915 MHz
Added recommended PCB footprint for package (QFN 32)
Added information that there should be no via at “pin #1 corner” (section 27.1)
Added list of abbreviations
Changes to ordering information
1.2
October 2005
RSSI dynamic range changed from 63 dB to 55 dB
Recommended CAL_ITERATE changed from 5 to 4
PLL timeout in “Automatic power-up sequencing flow chart” changed from
1024 filter clocks to 127 filter clocks
Calibration routine flow chart changed in accordance to CC1021 Errata Note
002
Added chapter on TX data latency
1.3
January 2006
Updates to Ordering Information and Address Information
SWRS045A
July 2008
Updated Plastic Tube specification, Carrier Tape and Reel specification to
reflect new MOQ quantities.
SWRS045B
February 2009
Package Description changed to reflect CC1021RUZ in compliance with
PCN20081216001.
Package Marking changed in compliance with PCN20081216001.
Package Thermal Properties removed to align with general TI datasheets
Plastic Tube Specification: added device CC1021RUZ and changed tube
width to reflect CC1021RUZ in compliance with PCN20081216001.
Carrier Tape and Reel Specification: added device CC1021RUZR
Ordering Information: changed device orderable names to CC1021RUZ and
CC1021RUZR in compliance with PCN20081216001.
Added important information and disclaimer
Product Status Definition: removed
Carrier Tape and Reel Specification is removed, since this was duplicate
information to Tape And Reel Information
SWRS045C
January 2010
Added reference to Application Note AN070 CC1020 Automatic Power-Up
Sequencing
.
Interchanged XOSC_Q1 and XOSC_Q2 in figure 33 to reflect the reference
design.
Increased maximum RF frequency from 940 MHz to 960 MHz.
Added reference to ARIB STD-T96.
Updated Package Marking in Section 27.1
Chapter on Package Drawing and chapter on Recommended PCB Footprint
for Package removed from data sheet since this was duplicate information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com