Electronic Components Datasheet Search
  English  ▼

X  

CC1021 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # CC1021
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1021 Datasheet(HTML) 15 Page - Texas Instruments

Back Button CC1021 Datasheet HTML 11Page - Texas Instruments CC1021 Datasheet HTML 12Page - Texas Instruments CC1021 Datasheet HTML 13Page - Texas Instruments CC1021 Datasheet HTML 14Page - Texas Instruments CC1021 Datasheet HTML 15Page - Texas Instruments CC1021 Datasheet HTML 16Page - Texas Instruments CC1021 Datasheet HTML 17Page - Texas Instruments CC1021 Datasheet HTML 18Page - Texas Instruments CC1021 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 94 page
background image
CC1021
SWRS045C
Page 15 of 87
4.8.
Current Consumption
Parameter
Min
Typ
Max
Unit
Condition / Note
Power Down mode
0.2
1.8
µA
Oscillator core off
Current Consumption,
receive mode 433 and 868 MHz
19.9
mA
Current Consumption,
transmit mode 433/868 MHz:
P = −20 dBm
P = −5 dBm
P = 0 dBm
P = +5 dBm
P = +10 dBm (433 MHz only)
12.3/14.5
14.4/17.0
16.2/20.5
20.5/25.1
27.1
mA
mA
mA
mA
mA
The output power is delivered to
a 50
Ω single-ended load.
See section 13.2 on page 44 for
more details.
Current Consumption, crystal
oscillator
Current Consumption, crystal
oscillator and bias
Current Consumption, crystal
oscillator, bias and synthesizer
77
500
7.5
µA
µA
mA
14.7456 MHz, 16 pF load crystal
14.7456 MHz, 16 pF load crystal
14.7456 MHz, 16 pF load crystal
Table 10. Current consumption
5.
Pin Assignment
Table 11 provides an overview of the
CC1021 pinout.
The
CC1021 comes in a QFN32 type
package.
PCLK 1
VC
24
AVDD
23
AVDD
22
RF_OUT
21
AVDD
20
RF_IN
19
AVDD
18
R_BIAS
17
DIO 8
DCLK 7
DGND 6
DVDD 5
DGND 4
PDO 3
PDI 2
AGND
Exposed die
attached pad
Figure 1.
CC1021 package (top view)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com