Electronic Components Datasheet Search
  English  ▼

X  

CC1021 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # CC1021
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1021 Datasheet(HTML) 44 Page - Texas Instruments

Back Button CC1021 Datasheet HTML 40Page - Texas Instruments CC1021 Datasheet HTML 41Page - Texas Instruments CC1021 Datasheet HTML 42Page - Texas Instruments CC1021 Datasheet HTML 43Page - Texas Instruments CC1021 Datasheet HTML 44Page - Texas Instruments CC1021 Datasheet HTML 45Page - Texas Instruments CC1021 Datasheet HTML 46Page - Texas Instruments CC1021 Datasheet HTML 47Page - Texas Instruments CC1021 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 94 page
background image
CC1021
SWRS045C
Page 44 of 87
13.
Transmitter
13.1. FSK Modulation Formats
The data modulator can modulate FSK,
which is a two level FSK (Frequency Shift
Keying), or GFSK, which is a Gaussian
filtered FSK with BT = 0.5. The purpose of
the GFSK is to make a more bandwidth
efficient system. The modulation and the
Gaussian filtering are done internally in the
chip. The TX_SHAPING
bit in the
DEVIATION register enables the GFSK.
Figure 22 shows a typical eye diagram for
153.6 kBaud data rate at 868 MHz
operation.
Figure 22. GFSK eye diagram. 153.6 kBaud, NRZ, ±79.2 kHz frequency deviation.
13.2. Output Power Programming
The RF output power from the device is
programmable by the 8-bit PA_POWER
register. Figure 23 and Figure 24 shows
the output power and total current
consumption
as
a
function
of
the
PA_POWER register setting. It is more
efficient in terms of current consumption to
use either the lower or upper 4-bits in the
register to control the power, as shown in
the figures. However, the output power
can be controlled in finer steps using all
the available bits in the PA_POWER
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com