Electronic Components Datasheet Search
  English  ▼

X  

ADS1292 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1292
Description  Low-Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1292 Datasheet(HTML) 35 Page - Texas Instruments

Back Button ADS1292 Datasheet HTML 31Page - Texas Instruments ADS1292 Datasheet HTML 32Page - Texas Instruments ADS1292 Datasheet HTML 33Page - Texas Instruments ADS1292 Datasheet HTML 34Page - Texas Instruments ADS1292 Datasheet HTML 35Page - Texas Instruments ADS1292 Datasheet HTML 36Page - Texas Instruments ADS1292 Datasheet HTML 37Page - Texas Instruments ADS1292 Datasheet HTML 38Page - Texas Instruments ADS1292 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 69 page
background image
START
DRDY
CS
SCLK
DIN
DOUT
Hi-Z
RDATACOpcode
StatusRegister+2-ChannelData
NextData
t
UPDATE
(1)
ADS1291
ADS1292
ADS1292R
www.ti.com
SBAS502A – DECEMBER 2011 – REVISED MARCH 2012
START: Start Conversions
This opcode starts data conversions. Tie the START pin low to control conversions by command. If conversions
are in progress this command has no effect. The STOP opcode command is used to stop conversions. If the
START command is immediately followed by a STOP command then have a gap of 4 tCLK cycles between them.
When the START opcode is sent to the device, keep the START pin low until the STOP command is issued.
(See the START subsection of the SPI Interface section for more details.) There are no restrictions on the
SCLK rate for this command and it can be issued any time.
STOP: Stop Conversions
This opcode stops conversions. Tie the START pin low to control conversions by command. When the STOP
command is sent, the conversion in progress completes and further conversions are stopped. If conversions are
already stopped, this command has no effect. There are no restrictions on the SCLK rate for this command and it
can be issued any time.
OFFSETCAL: Channel Offset Calibration
This command is used to cancel the channel offset. The CALIB_ON bit in the RESP2 register must be set to '1'
before issuing this command. OFFSETCAL must be executed every time there is a change in the PGA gain
settings.
RDATAC: Read Data Continuous
This opcode enables the output of conversion data on each DRDY without the need to issue subsequent read
data opcodes. This mode places the conversion data in the output register and may be shifted out directly. The
read data continuous mode is the device default mode; the device defaults to this mode on power-up.
RDATAC mode is cancelled by the Stop Read Data Continuous command. If the device is in RDATAC mode, a
SDATAC command must be issued before any other commands can be sent to the device. There is no
restriction on the SCLK rate for this command. However, the subsequent data retrieval SCLKs or the SDATAC
opcode command should wait at least 4 tCLK cycles. RDATAC timing is shown in Figure 43. As Figure 43 shows,
there is a keep out zone of 4 tCLK cycles around the DRDY pulse where this command cannot be issued in. To
retrieve data from the device after RDATAC command is issued, make sure either the START pin is high or the
START command is issued. Figure 43 shows the recommended way to use the RDATAC command. RDATAC is
ideally-suited for applications such as data loggers or recorders where registers are set once and do not need to
be re-configured.
(1) tUPDATE = 4 x tCLK. Do not read data during this time.
Figure 43. RDATAC Usage
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Link(s): ADS1291 ADS1292 ADS1292R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com