Electronic Components Datasheet Search
  English  ▼

X  

ADS1292 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1292
Description  Low-Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1292 Datasheet(HTML) 45 Page - Texas Instruments

Back Button ADS1292 Datasheet HTML 41Page - Texas Instruments ADS1292 Datasheet HTML 42Page - Texas Instruments ADS1292 Datasheet HTML 43Page - Texas Instruments ADS1292 Datasheet HTML 44Page - Texas Instruments ADS1292 Datasheet HTML 45Page - Texas Instruments ADS1292 Datasheet HTML 46Page - Texas Instruments ADS1292 Datasheet HTML 47Page - Texas Instruments ADS1292 Datasheet HTML 48Page - Texas Instruments ADS1292 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 69 page
background image
ADS1291
ADS1292
ADS1292R
www.ti.com
SBAS502A – DECEMBER 2011 – REVISED MARCH 2012
LOFF_SENS: Lead-Off Sense Selection
Address = 07h
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0
0
FLIP2
FLIP1
LOFF2N
LOFF2P
LOFF1N
LOFF1P
This register selects the positive and negative side from each channel for lead-off detection. See the Lead-Off
Detection subsection of the ECG-Specific Functions section for details. Note that the LOFF_STAT register bits
should be ignored if the corresponding LOFF_SENS bits are set to '1'.
Bits[7:6]
Must be set to '0'
Bit 5
FLIP2: Current direction selection
This bit controls the direction of the current used for lead-off derivation for channel 2.
0 = Disabled (default)
1 = Enabled
Bit 4
FLIP1: Current direction selection
This bit controls the direction of the current used for lead-off derivation for channel 1.
0 = Disabled (default)
1 = Enabled
Bit 3
LOFF2N: Channel 2 lead-off detection negative inputs
This bit controls the selection of negative input from channel 2 for lead-off detection.
0 = Disabled (default)
1 = Enabled
Bit 2
LOFF2P: Channel 2 lead-off detection positive inputs
This bit controls the selection of positive input from channel 2 for lead-off detection.
0 = Disabled (default)
1 = Enabled
Bit 1
LOFF1N: Channel 1 lead-off detection negative inputs
This bit controls the selection of negative input from channel 1 for lead-off detection.
0 = Disabled (default)
1 = Enabled
Bit 0
LOFF1P: Channel 1 lead-off detection positive inputs
This bit controls the selection of positive input from channel 1 for lead-off detection.
0 = Disabled (default)
1 = Enabled
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Link(s): ADS1291 ADS1292 ADS1292R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com