Electronic Components Datasheet Search
  English  ▼

X  

ADS1292 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1292
Description  Low-Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1292 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS1292 Datasheet HTML 2Page - Texas Instruments ADS1292 Datasheet HTML 3Page - Texas Instruments ADS1292 Datasheet HTML 4Page - Texas Instruments ADS1292 Datasheet HTML 5Page - Texas Instruments ADS1292 Datasheet HTML 6Page - Texas Instruments ADS1292 Datasheet HTML 7Page - Texas Instruments ADS1292 Datasheet HTML 8Page - Texas Instruments ADS1292 Datasheet HTML 9Page - Texas Instruments ADS1292 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 69 page
background image
ADS1291
ADS1292
ADS1292R
SBAS502A – DECEMBER 2011 – REVISED MARCH 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Minimum and maximum specifications apply from –40°C to +85°C. Typical specifications are at +25°C. All specifications are
at DVDD = 1.8 V, AVDD – AVSS = 3 V
(1), V
REF = 2.42 V, external fCLK = 512 kHz, data rate = 500 SPS, CFILTER = 4.7 nF
(2),
and gain = 6, unless otherwise noted.
ADS1291, ADS1292, ADS1292R
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT (RLD Amplifier Turned Off)
AVDD – AVSS = 3 V
205
μA
IAVDD
AVDD – AVSS = 5 V
250
μA
Normal mode
DVDD = 3.3 V
75
μA
IDVDD
DVDD = 1.8 V
32
μA
POWER DISSIPATION (Analog Supply = 3 V, RLD Amplifier Turned Off)
Normal mode
670
740
µW
ADS1292 and
ADS1292R
Standby mode
160
µW
Quiescent power
dissipation
Normal mode
450
495
µW
ADS1291
Standby mode
160
µW
ADS1292R
Normal mode
335
µW
Quiescent power
dissipation, per
ADS1292
Normal mode
335
µW
channel
ADS1291
Normal mode
450
µW
POWER DISSIPATION (Analog Supply = 5 V, RLD Amplifier Turned Off)
Normal mode
1300
µW
ADS1292 and
ADS1292R
Standby mode
340
µW
Quiescent power
dissipation
Normal mode
950
µW
ADS1291
Standby mode
340
µW
ADS1292R
Normal mode
670
µW
Quiescent power
dissipation, per
ADS1292
Normal mode
670
µW
channel
ADS1291
Normal mode
860
µW
POWER DISSIPATION IN POWER-DOWN MODE
DVDD = 1.8 V
1
µW
Analog supply = 3 V
DVDD = 3.3 V
4
µW
DVDD = 1.8 V
5
µW
Analog supply = 5 V
DVDD = 3.3 V
10
µW
TEMPERATURE
Specified temperature range
–40
+85
°C
Operating temperature range
–40
+85
°C
Storage temperature range
–60
+150
°C
THERMAL INFORMATION
ADS1291,
ADS1292,
ADS1292R
THERMAL METRIC(1)
UNITS
PBS (TQFP)
32 PINS
θJA
Junction-to-ambient thermal resistance
68.4
θJCtop
Junction-to-case (top) thermal resistance
25.9
θJB
Junction-to-board thermal resistance
30.5
°C/W
ψJT
Junction-to-top characterization parameter
0.5
ψJB
Junction-to-board characterization parameter
24.3
θJCbot
Junction-to-case (bottom) thermal resistance
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): ADS1291 ADS1292 ADS1292R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com