Electronic Components Datasheet Search
  English  ▼

X  

ADS1292 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1292
Description  Low-Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1292 Datasheet(HTML) 2 Page - Texas Instruments

  ADS1292 Datasheet HTML 1Page - Texas Instruments ADS1292 Datasheet HTML 2Page - Texas Instruments ADS1292 Datasheet HTML 3Page - Texas Instruments ADS1292 Datasheet HTML 4Page - Texas Instruments ADS1292 Datasheet HTML 5Page - Texas Instruments ADS1292 Datasheet HTML 6Page - Texas Instruments ADS1292 Datasheet HTML 7Page - Texas Instruments ADS1292 Datasheet HTML 8Page - Texas Instruments ADS1292 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 69 page
background image
ADS1291
ADS1292
ADS1292R
SBAS502A – DECEMBER 2011 – REVISED MARCH 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
FAMILY AND ORDERING INFORMATION(1)
MAXIMUM
OPERATING
PACKAGE
PACKAGE
NUMBER OF
ADC
SAMPLE
TEMPERATUR
RESPIRATION
PRODUCT
OPTION
DESIGNATOR
CHANNELS
RESOLUTION
RATE (kSPS)
E RANGE
CIRCUITRY
TQFP
PBS
1
24
8
–40°C to +85°C
No
ADS1291I
QFN
RSM
1
24
8
–40°C to +85°C
No
TQFP
PBS
2
24
8
–40°C to +85°C
No
ADS1292I
QFN
RSM
2
24
8
–40°C to +85°C
No
TQFP
PBS
2
24
8
–40°C to +85°C
Yes
ADS1292RI
QFN
RSM
2
24
8
–40°C to +85°C
Yes
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
ADS1291, ADS1292, ADS1292R
UNIT
AVDD to AVSS
–0.3 to +5.5
V
DVDD to DGND
–0.3 to +3.9
V
AGND to DGND
–0.3 to +0.3
V
Analog input to AVSS
AVSS – 0.3 to AVDD + 0.3
V
Digital input to DVDD
DVSS – 0.3 to DVDD + 0.3
V
Input current to any pin except supply pins
±10
mA
Momentary
±100
mA
Input current
Continuous
±10
mA
Operating temperature range
–40 to +85
°C
Storage temperature range
–60 to +150
°C
Maximum junction temperature (TJ)
+150
°C
Human body model (HBM)
±1000
V
JEDEC standard 22, test method A114-C.01, all pins
ESD ratings
Charged device model (CDM)
±500
V
JEDEC standard 22, test method C101, all pins
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
2
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): ADS1291 ADS1292 ADS1292R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com