Electronic Components Datasheet Search
  English  ▼

X  

ADS1292 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1292
Description  Low-Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1292 Datasheet(HTML) 46 Page - Texas Instruments

Back Button ADS1292 Datasheet HTML 42Page - Texas Instruments ADS1292 Datasheet HTML 43Page - Texas Instruments ADS1292 Datasheet HTML 44Page - Texas Instruments ADS1292 Datasheet HTML 45Page - Texas Instruments ADS1292 Datasheet HTML 46Page - Texas Instruments ADS1292 Datasheet HTML 47Page - Texas Instruments ADS1292 Datasheet HTML 48Page - Texas Instruments ADS1292 Datasheet HTML 49Page - Texas Instruments ADS1292 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 69 page
background image
ADS1291
ADS1292
ADS1292R
SBAS502A – DECEMBER 2011 – REVISED MARCH 2012
www.ti.com
LOFF_STAT: Lead-Off Status
Address = 08h
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
RLD_STAT
IN2N_OFF
IN2P_OFF
IN1N_OFF
IN1P_OFF
0
CLK_DIV
0
(read only)
(read only)
(read only)
(read only)
(read only)
This register stores the status of whether the positive or negative electrode on each channel is on or off. See the
Lead-Off Detection subsection of the ECG-Specific Functions section for details. Ignore the LOFF_STAT values
if the corresponding LOFF_SENS bits are not set to '1'.
'0' is lead-on (default) and '1' is lead-off. When the LOFF_SENS bits[3:0] are '0', the LOFF_STAT bits should be
ignored.
Bit 7
Must be set to '0'
Bit 6
CLK_DIV : Clock divider selection
This bit sets the modultar divider ratio between fCLK and fMOD. Two external clock values are supported: 512 kHz and
2.048 MHz.
0 = fCLK and fMOD/4 (default, use when fCLK = 512 kHz)
1 = fCLK and fMOD/16 (use when fCLK = 2.048 MHz)
Bit 5
Must be set to '0'
Bit 4
RLD_STAT: RLD lead-off status
This bit determines the status of RLD.
0 = RLD is connected (default)
1 = RLD is not connected
Bit 3
IN2N_OFF: Channel 2 negative electrode status
This bit determines if the channel 2 negative electrode is connected or not.
0 = Connected (default)
1 = Not connected
Bit 2
IN2P_OFF: Channel 2 positive electrode status
This bit determines if the channel 2 positive electrode is connected or not.
0 = Connected (default)
1 = Not connected
Bit 1
IN1N_OFF: Channel 1 negative electrode status
This bit determines if the channel 1 negative electrode is connected or not.
0 = Connected (default)
1 = Not connected
Bit 0
IN1P_OFF: Channel 1 positive electrode status
This bit determines if the channel 1 positive electrode is connected or not.
0 = Connected (default)
1 = Not connected
46
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): ADS1291 ADS1292 ADS1292R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com