Electronic Components Datasheet Search
  English  ▼

X  

ADS1292 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1292
Description  Low-Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1292 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS1292 Datasheet HTML 3Page - Texas Instruments ADS1292 Datasheet HTML 4Page - Texas Instruments ADS1292 Datasheet HTML 5Page - Texas Instruments ADS1292 Datasheet HTML 6Page - Texas Instruments ADS1292 Datasheet HTML 7Page - Texas Instruments ADS1292 Datasheet HTML 8Page - Texas Instruments ADS1292 Datasheet HTML 9Page - Texas Instruments ADS1292 Datasheet HTML 10Page - Texas Instruments ADS1292 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 69 page
background image
SNR = ENOB
6.02
´
Noise-Free Bits = 2 log
2 V
REF
Gain
Peak-to-Peak Noise
´
ENOB = 2 log
V
REF
2
Gain
RMS Noise
´
´
ADS1291
ADS1292
ADS1292R
www.ti.com
SBAS502A – DECEMBER 2011 – REVISED MARCH 2012
PARAMETER MEASUREMENT INFORMATION
NOISE MEASUREMENTS
The ADS1291, ADS1292, and ADS1292R noise performance can be optimized by adjusting the data rate and
PGA setting. As the averaging is increased by reducing the data rate, the noise drops correspondingly.
Increasing the programmable gain amplifier (PGA) value reduces the input-referred noise, which is particularly
useful when measuring low-level biopotential signals. Table 1 through Table 8 summarize the ADS1291,
ADS1292, and ADS1292R noise performance. The data are representative of typical noise performance at TA =
+25°C. The data shown are the result of averaging the readings from multiple devices and are measured with the
inputs shorted together. For the shown data rates, the ratio is approximately 6.6.
Table 1 through Table 8 show measurements taken with an internal reference. The data are also representative
of the ADS1291, ADS1292, and ADS1292R noise performance when using a low-noise external reference such
as the REF5025.
In Table 1 through Table 8, µVRMS and µVPP are measured values. SNR, noise-free bits, ENOB, and dynamic
range are calculated with Equation 1, Equation 2, and Equation 3.
(1)
(2)
(3)
Table 1. Input-Referred Noise (
μVRMS/μVPP) 3-V Analog Supply and 2.42-V Reference
(1)
PGA GAIN = 1
PGA GAIN = 2
DR BITS
OUTPUT
OF
DATA
–3-dB
NOISE-
NOISE-
CONFIG1
RATE
BANDWIDTH
FREE
FREE
REGISTER
(SPS)
(Hz)
μVRMS
μVPP
SNR
BITS
ENOB
μVRMS
μVPP
SNR
BITS
ENOB
000
125
32.75
1.5
10.3
121.0
18.83
20.10
0.8
5.6
120.0
18.71
19.94
001
250
65.5
2.2
14.4
117.8
18.34
19.58
1.2
7.5
117.1
18.29
19.46
010
500
131
3.0
18.9
115.1
17.95
19.11
1.7
10.9
113.9
17.75
18.91
011
1000
262
4.6
30.8
111.3
17.25
18.49
2.5
15.6
110.6
17.23
18.37
100
2000
524
10.1
99
104.5
15.57
17.36
5.3
48
104.0
15.60
17.28
101
4000
1048
55.2
563
89.7
13.06
14.91
26.0
265
90.3
13.14
15.00
110
8000
2096
287.3
2930
75.4
10.68
12.53
144.1
1470
75.4
10.67
12.52
111
NA
NA
—
—
—
—
—
—
—
—
—
—
(1)
At least 1000 consecutive readings were used to calculate the peak-to-peak noise values in this table.
Table 2. Input-Referred Noise (
μVRMS/μVPP) 3-V Analog Supply and 2.42-V Reference
(1)
PGA GAIN = 3
PGA GAIN = 4
DR BITS
OUTPUT
OF
DATA
–3-dB
NOISE-
NOISE-
CONFIG1
RATE
BANDWIDTH
FREE
FREE
REGISTER
(SPS)
(Hz)
μVRMS
μVPP
SNR
BITS
ENOB
μVRMS
μVPP
SNR
BITS
ENOB
000
125
32.75
0.6
4.1
119.2
18.58
19.80
0.5
3.4
117.9
18.42
19.58
001
250
65.5
0.9
5.5
115.9
18.15
19.26
0.8
5.0
114.8
17.88
19.07
010
500
131
1.3
7.7
113.0
17.67
18.77
1.1
6.6
111.9
17.47
18.59
011
1000
262
1.9
12.0
109.5
17.02
18.19
1.6
10.3
108.7
16.83
18.06
100
2000
524
3.7
31
103.7
15.65
17.23
2.9
23
103.2
15.69
17.14
101
4000
1048
17.0
173
90.5
13.18
15.03
12.2
124
90.8
13.24
15.09
110
8000
2096
91.9
937
75.8
10.74
12.59
66.8
681
76.1
10.78
12.63
111
NA
NA
—
—
—
—
—
—
—
—
—
—
(1)
At least 1000 consecutive readings were used to calculate the peak-to-peak noise values in this table.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS1291 ADS1292 ADS1292R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com