Electronic Components Datasheet Search
  English  ▼

X  

ADS1292 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1292
Description  Low-Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1292 Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADS1292 Datasheet HTML 10Page - Texas Instruments ADS1292 Datasheet HTML 11Page - Texas Instruments ADS1292 Datasheet HTML 12Page - Texas Instruments ADS1292 Datasheet HTML 13Page - Texas Instruments ADS1292 Datasheet HTML 14Page - Texas Instruments ADS1292 Datasheet HTML 15Page - Texas Instruments ADS1292 Datasheet HTML 16Page - Texas Instruments ADS1292 Datasheet HTML 17Page - Texas Instruments ADS1292 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 69 page
background image
50
60
70
80
90
100
110
120
10
100
1k
Frequency (Hz)
Gain = 1
Gain = 2
Gain = 3
Gain = 4
Gain = 6
Gain = 8
Gain = 12
Data Rate = 8 kSPS, −0.5 dBFS
G007
−125
−115
−105
−95
−85
−75
−65
−55
10
100
1k
Frequency (Hz)
Gain = 1
Gain = 2
Gain = 3
Gain = 4
Gain = 6
Gain = 8
Gain = 12
Data Rate = 8 kSPS, −0.5 dBFS
G008
0
1
2
3
4
2
4
6
8
10
12
PGA Gain
G009
−4
−2
0
2
4
−1
−0.5
0
0.5
1
Input Range (Normalized to Full−Scale)
−40 °C
−20 °C
0 °C
25 °C
40 °C
50 °C
70 °C
85 °C
G010
−180
−160
−140
−120
−100
−80
−60
−40
−20
0
0
50
100
150
200
250
Frequency (Hz)
PGA Gain = 1
Input = 10Hz, −0.5 dBFS
THD = −103 dB
SNR =117 dB
Data Rate =500 sps
G011
−160
−140
−120
−100
−80
−60
−40
−20
0
0
1000
2000
3000
4000
Frequency (Hz)
PGA Gain = 1
Input = 10Hz, −0.5 dBFS
THD = −101 dB
SNR = 80 dB
Data Rate = 8 ksps
G012
ADS1291
ADS1292
ADS1292R
SBAS502A – DECEMBER 2011 – REVISED MARCH 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, AVDD = 3 V, AVSS = 0 V, DVDD = 1.8 V, internal VREFP = 2.42 V, VREFN = AVSS, external clock =
512 kHz, data rate = 500 SPS, CFILTER = 4.7 nF, and gain = 6, unless otherwise noted.
PSRR vs FREQUENCY
THD vs FREQUENCY
Figure 8.
Figure 9.
INL vs PGA GAIN
INL vs TEMPERATURE
Figure 10.
Figure 11.
THD FFT PLOT
FFT PLOT
(60-Hz Signal)
(60-Hz Signal)
Figure 12.
Figure 13.
14
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): ADS1291 ADS1292 ADS1292R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com