Electronic Components Datasheet Search
  English  ▼

X  

PCM9211 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # PCM9211
Description  216-kHz Digital Audio Interface Transceiver (DIX) with Stereo ADC and Routing
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM9211 Datasheet(HTML) 28 Page - Texas Instruments

Back Button PCM9211 Datasheet HTML 24Page - Texas Instruments PCM9211 Datasheet HTML 25Page - Texas Instruments PCM9211 Datasheet HTML 26Page - Texas Instruments PCM9211 Datasheet HTML 27Page - Texas Instruments PCM9211 Datasheet HTML 28Page - Texas Instruments PCM9211 Datasheet HTML 29Page - Texas Instruments PCM9211 Datasheet HTML 30Page - Texas Instruments PCM9211 Datasheet HTML 31Page - Texas Instruments PCM9211 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 121 page
background image
C2
C1
R1
FILT
AGND
DGND
Charge
Pump
VCO
PCM9211
PLLSection
PCM9211
SBAS495 – JUNE 2010
www.ti.com
DIR and PLL Loop Filter Details
The PCM9211 incorporates a PLL for generating clocks synchronized with the input biphase signal (S/PDIF).
The onboard PLL requires an external loop filter. The components and configuration shown in Figure 20 and
Table 6 are recommended for optimal performance, with these considerations:
•
The resistor and capacitors that configure the filter should be located and routed as close as possible to the
PCM9211. The external loop filter must be placed on the FILT pins.
•
The GND node of the external loop filter must be directly connected with AGND pin of the PCM9211; it must
be not combined with other signals.
Figure 20 shows the configuration of the external loop filter and the connection with the PCM9211.
Figure 20. Loop Filter Connection
The recommended value of loop filter components is shown in Table 6.
Table 6. Recommended Value of Loop Filter Components
REF. NO.
RECOMMENDED VALUE
TYPE
TOLERANCE
R1
680
Ω
Metal film or carbon
≤ 5%
C1
0.068 µF
Film or ceramic (CH or C0G)
≤ 5%
C2
0.0047 µF
Film or ceramic (CH or C0G)
≤ 5%
External (XTI) Clocks, Oscillators, and Supporting Circuitry
An external clock source (CMOS or crystal/resonator) is known as the XTI source. The XTI source can be either
a CMOS logic source, or a crystal resonator (internal circuitry in the PCM9211 can start the crystal resonating).
Whichever clock source is used, it must be 24.576 MHz.
The PCM9211 uses the XTI source as a reference clock in order to calculate the sampling frequency of the
incoming S/PDIF stream. It is also used as the clock source in XTI clock source mode.
When using a resonator as an XTI source, the following points should be considered:
•
The 24.576-MHz resonator should be connected between the XTI and XTO pins
•
The resonator should be a fundamental mode type
•
A crystal or ceramic resonator can be used as the XTI source
•
The values of the load capacitors CL1 and CL2 and the current limiting resistor Rd all depend on the
characteristics of the resonator
•
No external feedback resistor between the XTI and XTO pins is required, because the resistor is integrated
into the device
•
No loads other than the resonator should be used on the XTO pin
When using an external oscillation circuit with a CMOS output, the following points should be considered:
•
Always supply a 24.576-MHz clock on the XTI pin
•
Only 3.3 V is supported on the XTI pin; 5 V is not supported
•
XTO should be left floating
28
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): PCM9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com