Electronic Components Datasheet Search
  English  ▼

X  

PCM9211 Datasheet(PDF) 98 Page - Texas Instruments

Click here to check the latest version.
Part # PCM9211
Description  216-kHz Digital Audio Interface Transceiver (DIX) with Stereo ADC and Routing
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM9211 Datasheet(HTML) 98 Page - Texas Instruments

Back Button PCM9211 Datasheet HTML 94Page - Texas Instruments PCM9211 Datasheet HTML 95Page - Texas Instruments PCM9211 Datasheet HTML 96Page - Texas Instruments PCM9211 Datasheet HTML 97Page - Texas Instruments PCM9211 Datasheet HTML 98Page - Texas Instruments PCM9211 Datasheet HTML 99Page - Texas Instruments PCM9211 Datasheet HTML 100Page - Texas Instruments PCM9211 Datasheet HTML 101Page - Texas Instruments PCM9211 Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 121 page
background image
PCM9211
SBAS495 – JUNE 2010
www.ti.com
Register 6Ch, AUX Output Port (AUXSCKO/AUXBCKO/AUXLRCKO/AUXDOUT) Source Setting
(Address: 6Ch, Write and Read)
DATA
B7
B6
B5
B4
B3
B2
B1
B0
Reg Name
RSV
AOSSRC2
AOSSRC1
AOSSRC0
RSV
AOPSRC2
AOPSRC1
AOPSRC0
Default Value
0
0
0
0
0
0
0
0
Memo
AOSSRC[2:0]: AUX Output Port, SCK Source Control
000: DIR/ADC automatic (DIR lock:DIR, DIR unlock:ADC) (default)
001: DIR
010: ADC
011: AUXIN0
100: AUXIN1
101: Reserved
110: Reserved
111: Reserved
AOPSRC[2:0]: AUX Output Port, BCK/LRCK/DATA Source Control
000: DIR/ADC automatic (DIR lock:DIR, DIR unlock:ADC) (default)
001: DIR
010: ADC
011: AUXIN0
100: AUXIN1
101: Reserved
110: Reserved
111: Reserved
This source control register is divided into two parts (MOSSRC and MOPSRC). This design allows some
additional functionality such as jitter cleaning. To clean the clock jitter of the HDMI receiver output, the HDMI
receiver S/PDIF output is connected to the PCM9211 S/PDIF input, and the HDMI receiver I2S outputs
(BCK/LRCK/DATA) are connected with the PCM9211 PCM input port.
98
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): PCM9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com