Electronic Components Datasheet Search
  English  ▼

X  

PCM9211 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # PCM9211
Description  216-kHz Digital Audio Interface Transceiver (DIX) with Stereo ADC and Routing
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM9211 Datasheet(HTML) 38 Page - Texas Instruments

Back Button PCM9211 Datasheet HTML 34Page - Texas Instruments PCM9211 Datasheet HTML 35Page - Texas Instruments PCM9211 Datasheet HTML 36Page - Texas Instruments PCM9211 Datasheet HTML 37Page - Texas Instruments PCM9211 Datasheet HTML 38Page - Texas Instruments PCM9211 Datasheet HTML 39Page - Texas Instruments PCM9211 Datasheet HTML 40Page - Texas Instruments PCM9211 Datasheet HTML 41Page - Texas Instruments PCM9211 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 121 page
background image
RXINx
Built-in PLL
Status
XTI Status
ERROR
SCKO, BCK,
LRCK
CLKST
Non-Biphase
Biphase
Non- Biphase
Unlock
Lock
Unlock
Normal Operation
XTI (ADC) Source
DIR Source
XTI (ADC) Source
ADC Source
MUTE
DIR Source
ADC Source
DOUT
MUTE
t
CLKST2
t
CLKST1
t
XTIWT
PCM9211
SBAS495 – JUNE 2010
www.ti.com
DIR: Auto Source Selector for Main Output and AUX Output
The AUTO source selector is an automatic system that selects the DIR or ADC output based on specific DIR
conditions set by Register 26h. The AUTO source selector is integrated in both the Main Port and the AUX
output separately.
The typical behavior for the AUTO source selector is shown in Figure 30. This example is the default register
setting for Register 26h. In this case, only Register 26h/AUNLOCK is selected.
Figure 30. Typical Behavior for AUTO Source Selector
When the DIR is unlocked, the ADC output is automatically routed to the Main Output Port.
Polarity of the CLKST signal is configured by Register 22h/CLKSTP. The default is active low, which means that
clock source either changes from DIR to ADC, or from ADC to DIR.
If the DIR is locked, then the DIR output is routed to the Main Output Port automatically after tCLKST1. During that
period, the output port is muted. tCLKST1 can be configured using Register 23h/ERRWT[1:0]. tCLKST2 is 50 ms,
providing that an XTI clock of 24.576 MHz is applied.
If the DIR loses its lock a subsequent time, the ADC output is routed to the Main Output Port automatically after
tXTIWT. Once again, the output port is muted during this time. tXTIWT can be configured using Register
23h/XTIWT[1:0].
The auto source selector can be triggered by the following changes in the DIR (Register 26h is used to select
which variable to use as the trigger):
•
DIR error (discussed earlier in DIR: Errors and Interrupts; configured by Register 25h)
•
Out-of-range sampling frequency
•
Non-PCM data
•
When the Validity flag in the S/PDIF stream is '1'
•
When the PLL is unlocked (default)
38
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): PCM9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com