Electronic Components Datasheet Search
  English  ▼

X  

PCM9211 Datasheet(PDF) 68 Page - Texas Instruments

Click here to check the latest version.
Part # PCM9211
Description  216-kHz Digital Audio Interface Transceiver (DIX) with Stereo ADC and Routing
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM9211 Datasheet(HTML) 68 Page - Texas Instruments

Back Button PCM9211 Datasheet HTML 64Page - Texas Instruments PCM9211 Datasheet HTML 65Page - Texas Instruments PCM9211 Datasheet HTML 66Page - Texas Instruments PCM9211 Datasheet HTML 67Page - Texas Instruments PCM9211 Datasheet HTML 68Page - Texas Instruments PCM9211 Datasheet HTML 69Page - Texas Instruments PCM9211 Datasheet HTML 70Page - Texas Instruments PCM9211 Datasheet HTML 71Page - Texas Instruments PCM9211 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 121 page
background image
PCM9211
SBAS495 – JUNE 2010
www.ti.com
Register 26h, AUTO Source Selector Cause Setting
(Address: 26h, Write and Read)
DATA
B7
B6
B5
B4
B3
B2
B1
B0
Reg Name
ACKSL
AERROR
RSV
AFSLMT
ANPCM
AVALID
RSV
AUNLOCK
Default Value
0
0
0
0
0
0
0
1
Memo
The AUTO source selector is an automatic selector that outputs DIR or ADC output based on the following
register settings. The following AUTO Source Selector Cause Setting registers are independent of the ERROR
Cause Setting Register (Register 25h).
ACKSL: ADC Output Clock Select
0: ADC clock selected by the ADCLK[2:0] Register (Register 42h) (default)
1: XTI clock
AERROR: ERROR
0: Not selected (default)
1: Selected
ERROR condition is defined by the ERROR Cause Setting Register (Register 25h).
AFSLMT: Limiting Acceptable Sampling Frequency
0: Not selected (default)
1: Selected
The definition of receivable sampling frequency range depends on the fS Limit Setting Register.
ANPCM: Non-PCM
0: Not selected (default)
1: Selected
The definition of Non PCM is depend on the Non-PCM Definition Setting Register.
AVALID: Validity Flag
0: Not selected (default)
1: Selected
AUNLOCK: PLL Lock Error
0: Not selected
1: Selected (default)
68
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): PCM9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com