Electronic Components Datasheet Search
  English  ▼

X  

PCM9211 Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # PCM9211
Description  216-kHz Digital Audio Interface Transceiver (DIX) with Stereo ADC and Routing
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM9211 Datasheet(HTML) 59 Page - Texas Instruments

Back Button PCM9211 Datasheet HTML 55Page - Texas Instruments PCM9211 Datasheet HTML 56Page - Texas Instruments PCM9211 Datasheet HTML 57Page - Texas Instruments PCM9211 Datasheet HTML 58Page - Texas Instruments PCM9211 Datasheet HTML 59Page - Texas Instruments PCM9211 Datasheet HTML 60Page - Texas Instruments PCM9211 Datasheet HTML 61Page - Texas Instruments PCM9211 Datasheet HTML 62Page - Texas Instruments PCM9211 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 121 page
background image
ERROR/INT0
NPCM/ INT1
MPIO_A0
MPIO_A1
MPIO_A2
MPIO_A3
MPIO_C0
MPIO_C1
MPIO_C2
MPIO_C3
MPIO_B0
MPIO_B1
1
2
3
4
5
6
7
8
9
10
11
12
VDDRX
RXIN1
RXIN2
RXIN3
RXIN4/ ASCKIO
RXIN5/ ABCKIO
RXIN6/ ALRCKIO
RXIN7/ ADIN0
MODE
MS/ ADR1
MC/ SCL
36
35
34
33
32
31
30
29
28
27
26
25
48
47
46
45
44
43
42
41
40
39
38
37
13
14
15
16
17
18
19
20
21
22
23
24
C1
Analog Input
C2
C3
+5V
C4
R1
C5
C6
C7
+3.3V
X1
C9
C8
C12
C11
C10
R4
R3
+3.3V
COAX Input
0V
0V
0V
COAX Input
Optical
Inputs
or
PCM
Audio
I/ F
0V or 3.3V
Serial
Control
I/ F
Serial
Control
I/ F
C13
0V
+3.3V
PCM
Audio
I/ F
MPOx
Assigned
Functions
MPIO_B
Assigned
Functions
MPIO_A
Assigned
Functions
MPIO_C
Assigned
Functions
MPIO_B
Assigned
Functions
Interruption
Flag
Functions
R2
RST
PCM9211
www.ti.com
SBAS495 – JUNE 2010
APPLICATION INFORMATION
TYPICAL CIRCUIT CONNECTION
Figure 44 illustrates a typical circuit connection.
R1: Loop filter resistor, 680
Ω.
R2: Current-limiting resistor; generally, a 100-
Ω to 500-Ω resistor is used, but it depends on the crystal resonator.
R3, R4: Coax input termination resisters, 75
Ω.
C1, C2: 4.7-mF electrolytic capacitor is recommended for 3-Hz cutoff frequency.
C3, C7, C12, C13: 0.1-mF ceramic capacitor and 10-mF electrolytic capacitor, depending on the power supply.
C4: 0.1-mF ceramic capacitor and 10-mF electrolytic capacitor is recommended.
C5: Loop filter capacitor, 0.068 mF.
C6: Loop filter capacitor, 0.0047 mF.
C8, C9: OSC load capacitor; generally, a 10-pF to 30-pF capacitor is used, but it depends on the crystal resonator
and PCB layout.
C10, C11: DC blocking capacitor for coax input, 0.1 mF.
X1: Crystal resonator. Use a 24.576-MHz fundamental resonator when the XTI clock source is needed.
Figure 44. Typical Circuit Connection
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
59
Product Folder Link(s): PCM9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com