Electronic Components Datasheet Search
  English  ▼

X  

PCM9211 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # PCM9211
Description  216-kHz Digital Audio Interface Transceiver (DIX) with Stereo ADC and Routing
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM9211 Datasheet(HTML) 63 Page - Texas Instruments

Back Button PCM9211 Datasheet HTML 59Page - Texas Instruments PCM9211 Datasheet HTML 60Page - Texas Instruments PCM9211 Datasheet HTML 61Page - Texas Instruments PCM9211 Datasheet HTML 62Page - Texas Instruments PCM9211 Datasheet HTML 63Page - Texas Instruments PCM9211 Datasheet HTML 64Page - Texas Instruments PCM9211 Datasheet HTML 65Page - Texas Instruments PCM9211 Datasheet HTML 66Page - Texas Instruments PCM9211 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 121 page
background image
PCM9211
www.ti.com
SBAS495 – JUNE 2010
REGISTER DESCRIPTIONS
NOTE
Memo boxes are provided to aid in development. Record your register settings below for
future reference.
Register 20h, ERROR Output Condition and Shared Port Settings
(Address: 20h, Write and Read)
DATA
B7
B6
B5
B4
B3
B2
B1
B0
Reg Name
RSV
ERRCON
MCHR
RSV
ERRHZ
ERRSEL
NPCMHZ
NPCMSEL
Default Value
0
0
0
0
0
0
0
0
Memo
ERRCON: ERROR Output Condition Setting
0: ERROR pin output is always DIR status (default)
1: ERROR output depends on source control MOPSRC[2:0]
DIR/AUTO: Output DIR status
Except DIR: ERROR outputs high (error status).
MCHR: MPIO/Multi-Channel PCM Routing Select
0: All MPIOs are controlled by MPASEL[1:0], MPBSEL[1:0], MPCSEL[2:0] (Default)
1: All MPIOs are assigned for Multi-Channel PCM Routing I/O.
ERRHZ: ERROR/INT0 Port Output Hi-Z Control
0: Output (default)
1: Hi-Z
ERRSEL: ERROR/INT0 Port Output Source Select
0: ERROR (default)
1: INT0
NOTE: ERRSEL must be '0' when Register 26h/AERROR = 1 or Register 42h/ADFSLMT = 1, or if the
signal CLKST is used.
NPCMHZ: NPCM/INT1 Port Output Hi-Z Control
0: Output (default)
1: Hi-Z
NPCMSEL: NPCM/INT1 Port Output Source Select
0: NPCM (default)
1: INT1
spacer
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
63
Product Folder Link(s): PCM9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com