Electronic Components Datasheet Search
  English  ▼

X  

PCM9211 Datasheet(PDF) 95 Page - Texas Instruments

Click here to check the latest version.
Part # PCM9211
Description  216-kHz Digital Audio Interface Transceiver (DIX) with Stereo ADC and Routing
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM9211 Datasheet(HTML) 95 Page - Texas Instruments

Back Button PCM9211 Datasheet HTML 91Page - Texas Instruments PCM9211 Datasheet HTML 92Page - Texas Instruments PCM9211 Datasheet HTML 93Page - Texas Instruments PCM9211 Datasheet HTML 94Page - Texas Instruments PCM9211 Datasheet HTML 95Page - Texas Instruments PCM9211 Datasheet HTML 96Page - Texas Instruments PCM9211 Datasheet HTML 97Page - Texas Instruments PCM9211 Datasheet HTML 98Page - Texas Instruments PCM9211 Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 121 page
background image
PCM9211
www.ti.com
SBAS495 – JUNE 2010
Register 62h, DIT Function Control 3/3
(Address: 62h, Write and Read)
DATA
B7
B6
B5
B4
B3
B2
B1
B0
Reg Name
RSV
RSV
TXDMUT
RSV
TXVFLG
RSV
RSV
RSV
Default Value
0
0
0
0
0
0
0
0
Memo
TXDMUT: DIT Output Audio Data Mute Control
0: No mute (default)
1: Audio data on biphase signal is Mute (zero data)
TXVFLG: DIT Output Validity Flag Control
0: V = '0', Valid (default)
1: V = '1', Invalid
Register 63h–68h, DIT Channel Status Data Buffer
(Address: 63h–68h, Write and Read)
DATA
Address
B7
B6
B5
B4
B3
B2
B1
B0
TXCS7
TXCS6
TXCS5
TXCS4
TXCS3
TXCS2
TXCS1
TXCS0
63h
CS Bit7
CS Bit6
CS Bit5
CS Bit4
CS Bit3
CS Bit2
CS Bit1
CS Bit0
TXCS15
TXCS14
TXCS13
TXCS12
TXCS11
TXCS10
TXCS9
TXCS8
64h
CS Bit15
CS Bit14
CS Bit13
CS Bit12
CS Bit11
CS Bit10
CS Bit9
CS Bit8
TXCS23
TXCS22
TXCS21
TXCS20
TXCS19
TXCS18
TXCS17
TXCS16
65h
CS Bit23
CS Bit22
CS Bit21
CS Bit20
CS Bit19
CS Bit18
CS Bit17
CS Bit16
TXCS31
TXCS30
TXCS29
TXCS28
TXCS27
TXCS26
TXCS25
TXCS24
66h
CS Bit31
CS Bit30
CS Bit29
CS Bit28
CS Bit27
CS Bit26
CS Bit25
CS Bit24X
TXCS39
TXCS38
TXCS37
TXCS36
TXCS35
TXCS34
TXCS33
TXCS32
67h
CS Bit39
CS Bit38
CS Bit37
CS Bit36
CS Bit35
CS Bit34
CS Bit33
CS Bit32
TXCS47
TXCS46
TXCS45
TXCS44
TXCS43
TXCS42
TXCS41
TXCS40
68h
CS Bit47
CS Bit46
CS Bit45
CS Bit44
CS Bit43
CS Bit42
CS Bit41
CS Bit40
TXCS0: Use of channel status block.
TXCS1: Linear PCM information.
TXCS2: Copyright information.
TXCS5 – TXCS3: Additional format information.
TXCS7 – TXCS6: Channel status mode.
TXCS15 – TXCS8: Category code.
TXCS19 – TXCS16: Source number.
TXCS23 – TXCS20: Channel number.
TXCS27 – TXCS24: Sampling frequency.
TXCS29 - TXCS28: Clock accuracy.
TXCS31 – TXCS30: Not defined.
TXCS32: Maximum audio sample word length.
TXCS35 – TXCS33: Sample word length.
TXCS39 – TXCS36: Original sampling frequency.
TXCS47 – TXCS40: Not defined.
The data in this register are used for both channels (L-ch and R-ch). When these register data are used for the
DIT channel status data, a channel status data of bit 48 or later is all '0'. All initial values of this register are all '0'.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
95
Product Folder Link(s): PCM9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com