Electronic Components Datasheet Search
  English  ▼

X  

PCM9211 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # PCM9211
Description  216-kHz Digital Audio Interface Transceiver (DIX) with Stereo ADC and Routing
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM9211 Datasheet(HTML) 11 Page - Texas Instruments

Back Button PCM9211 Datasheet HTML 7Page - Texas Instruments PCM9211 Datasheet HTML 8Page - Texas Instruments PCM9211 Datasheet HTML 9Page - Texas Instruments PCM9211 Datasheet HTML 10Page - Texas Instruments PCM9211 Datasheet HTML 11Page - Texas Instruments PCM9211 Datasheet HTML 12Page - Texas Instruments PCM9211 Datasheet HTML 13Page - Texas Instruments PCM9211 Datasheet HTML 14Page - Texas Instruments PCM9211 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 121 page
background image
0
5
10
15
20
Frequency(kHz)
0
20
40
60
80
100
120
140
-
-
-
-
-
-
-
0
5
10
15
20
Frequency(kHz)
0
20
40
60
80
100
120
140
-
-
-
-
-
-
-
NormalizedFrequency(xf
S)
0.1
0
0.1
0.2
0.3
0.4
0.5
-
-
-
-
-
0
0.1
0.2
0.3
0.4
0.5
NormalizedFrequency(xf
S)
0
20
40
60
80
100
120
140
160
-
-
-
-
-
-
-
-
0
8
16
24
32
PCM9211
www.ti.com
SBAS495 – JUNE 2010
TYPICAL CHARACTERISTICS: ADC (continued)
All specifications at TA = +25°C, VCCAD = 5 V, VDD = 3.3 V, fS = 48 kHz, SCK = 512fS, and 24-bit data, unless otherwise noted.
ADC OUTPUT SPECTRUM
OUTPUT SPECTRUM
OUTPUT SPECTRUM
(–1 dB, N = 32,768)
(–60 dB, N = 32,768)
Figure 5.
Figure 6.
ADC INTERNAL FILTER
DECIMATION FILTER
DECIMATION FILTER
STOP BAND CHARACTERISTIC
PASSBAND CHARACTERISTIC
Figure 7.
Figure 8.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): PCM9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com