Electronic Components Datasheet Search
  English  ▼

X  

PCM9211 Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # PCM9211
Description  216-kHz Digital Audio Interface Transceiver (DIX) with Stereo ADC and Routing
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM9211 Datasheet(HTML) 64 Page - Texas Instruments

Back Button PCM9211 Datasheet HTML 60Page - Texas Instruments PCM9211 Datasheet HTML 61Page - Texas Instruments PCM9211 Datasheet HTML 62Page - Texas Instruments PCM9211 Datasheet HTML 63Page - Texas Instruments PCM9211 Datasheet HTML 64Page - Texas Instruments PCM9211 Datasheet HTML 65Page - Texas Instruments PCM9211 Datasheet HTML 66Page - Texas Instruments PCM9211 Datasheet HTML 67Page - Texas Instruments PCM9211 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 121 page
background image
PCM9211
SBAS495 – JUNE 2010
www.ti.com
Register 21h, DIR Initial Settings 1/3
(Address: 21h, Write and Read)
DATA
B7
B6
B5
B4
B3
B2
B1
B0
Reg Name
RSV
RSV
RSV
RXFSRNG
RSV
RSV
RSV
RSV
Default Value
0
0
0
0
0
0
0
0
Memo
RXFSRNG: DIR Receivable Incoming Biphase Sampling Frequency Range Setting
0: Wide Mode (7 kHz to 216 kHz) (default)
1: Normal Mode (28 kHz to 108 kHz)
spacer
Register 22h, DIR Initial Settings 2/3
(Address: 22h, Write and Read)
DATA
B7
B6
B5
B4
B3
B2
B1
B0
Reg Name
RSV
CLKSTCON
RSV
CLKSTP
RSV
RSV
RSV
RXVDLY
Default Value
0
0
0
0
0
0
0
1
Memo
CLKSTCON: CLKST Output Condition Setting
0: Only PLL Lock status change (default)
1: All events where the Main port output clock condition changes, as well as these cases:
1. MOSSRC/MOPSRC Register is updated to ADC, AUXIN0, AUXIN1, or AUXIN2
2. DIR and ADC are switched by DIR status when MOSSRC = 000(AUTO) and MOPSRC =
000(AUTO)
3. Main port sampling frequency changes when PFSTGT = 101(Main output port)
NOTES:
•
CLKST never outputs when updating MOSSRC and MOPSRC to AUTO or DIR.
•
OSCAUTO must be '0' when CLKST is used because CLKST is generated by frequency counting of
built-in oscillator circuit.
•
To output CLKST, MOSSRC and MOPSRC are set simultaneously.
CLKSTP: CLKST Polarity Setting
0: Active low (default)
1: Active high
RXVDLY: VOUT Delay Setting
0: VOUT is active immediately after validity flag is detected
1: VOUT is active after synchronization with DOUT data (default)
64
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): PCM9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com