Electronic Components Datasheet Search
  English  ▼

X  

PCM9211 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # PCM9211
Description  216-kHz Digital Audio Interface Transceiver (DIX) with Stereo ADC and Routing
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM9211 Datasheet(HTML) 39 Page - Texas Instruments

Back Button PCM9211 Datasheet HTML 35Page - Texas Instruments PCM9211 Datasheet HTML 36Page - Texas Instruments PCM9211 Datasheet HTML 37Page - Texas Instruments PCM9211 Datasheet HTML 38Page - Texas Instruments PCM9211 Datasheet HTML 39Page - Texas Instruments PCM9211 Datasheet HTML 40Page - Texas Instruments PCM9211 Datasheet HTML 41Page - Texas Instruments PCM9211 Datasheet HTML 42Page - Texas Instruments PCM9211 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 121 page
background image
SCK/BCK/LRCK/DOUT
DIR
AUTOselector
OSC
ADC
REG.42
h /ADCLK
REG.26h/AERROR
SCK/BCK/LRCK
Divider
ERRORdefinedbyREG.25h
REG.42h/ADCKOUT
SCK/BCK/LRCK
REG.40h/ADDIS
SCK/BCK/LRCK
AUTOselectsignaldefinedby
REG.25hexcluding AERROR.
REG.26h/ACKSL
REG.6Bh/
MOSSRC&MOPSRC
MainPort
AUXINx
AUXINx
PCM9211
www.ti.com
SBAS495 – JUNE 2010
Figure 31 shows the Clock Tree Diagram for the AUTO source selector.
Figure 31. Clock Tree Diagram for AUTO Source Selector
Non-PCM Data Detection
The PCM9211 can also detect Non-PCM data (AC-3, DTS-CD, etc.) using one of these two methods:
1. Channel Status Bit 1 is '1'.
If Register 28h/CSBIT is set to '1', this function is enabled. Register 39h/SCSBIT1 always indicates Channel
Status Bit 1 status even if CSBIT1 is disabled.
2. A Burst Preamble (PA/PB) is found in the S/PDIF stream.
If Register 28h/PAPB or Register 28h/DTSCD is set to '1', this function is enabled. If DTS-CD detection is
active, it uses DTSCD, and can also be set in Register 29h/DTS16, 29h/DTS14, and Register
29h/DTSPRD[1:0].
If the PCM9211 detects a Burst Preamble when Non-PCM detection is enabled, an error signal and BPSYNC
signal are generated. The BPSYNC signal can be monitored through MPIO_A/MPIO_B/MPIO_C. For more
details, see the MPIO section of this document. The error signal can be monitored from either the ERR_INT0 pin
or the NPCM_INT1 pin.
PC/PD Monitor
The PCM9211 has a PC and PD buffer for monitoring the latest PC or PD. Registers 3Ah and 3Bh are assigned for
the PC buffer; Registers 3Ch and 3Dh are assigned for the PDbuffer.
The following sequence is an example of reading PC/PD buffers. This example is based on using the INT0
function.
1. Set Register 2Ah/MPCRNW0 to '0'.
2. Check that Register 2Ch/OPCRNW0 is '1'.
3. Read the PC and PD buffers.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): PCM9211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com