| Electronic Components Datasheet Search |
|
RM48L540 Datasheet(PDF) 105 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
RM48L540 Datasheet(HTML) 105 Page - Texas Instruments |
|
105 / 152 page ![]() H L H L H L L H ... ... 128-bitcomparator H L L H H L L H UNLOCK FlashModuleOutput OTP Contents UnlockByScan Register InternalTie-Offs (exampleonly) (example) L H H L L InternalTie-Offs (exampleonly) L H H RM48L940 RM48L740 RM48L540 www.ti.com SPNS175 – SEPTEMBER 2011 4.21.6 Advanced JTAG Security Module This device includes a an Advanced JTAG Security Module (AJSM). which provides maximum security to the device ’s memory content by allowing users to secure the device after programming. Figure 4-21. AJSM Unlock The device is unsecure by default by virtue of a 128-bit visible unlock code programmed in the OTP address 0xF0000000.The OTP contents are XOR-ed with the "Unlock By Scan" register contents. The outputs of these XOR gates are again combined with a set of secret internal tie-offs. The output of this combinational logic is compared against a secret hard-wired 128-bit value. A match results in the UNLOCK signal being asserted, so that the device is now unsecure. A user can secure the device by changing at least one bit in the visible unlock code from 1 to 0. Changing a 0 to 1 is not possible since the visible unlock code is stored in the One Time Programmable (OTP) flash region. Also, changing all the 128 bits to zeros is not a valid condition and will permanently secure the device. Once secured, a user can unsecure the device by scanning an appropriate value into the "Unlock By Scan" register of the AJSM module. The value to be scanned is such that the XOR of the OTP contents and the Unlock-By-Scan register contents results in the original visible unlock code. The Unlock-By-Scan register is reset only upon asserting power-on reset (nPORRST). A secure device only permits JTAG accesses to the AJSM scan chain via the Secondary Tap # 2 of the ICEPick module. All other secondary taps, test taps and the boundary scan interface are not accessible in this state. Copyright © 2011, Texas Instruments Incorporated System Information and Electrical Specifications 105 Submit Documentation Feedback focus.ti.com: RM48L940 RM48L740 RM48L540 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |