Electronic Components Datasheet Search
  English  ▼

X  

RM48L540 Datasheet(PDF) 111 Page - Texas Instruments

Click here to check the latest version.
Part # RM48L540
Description  RM48Lx40 16/32-Bit RISC Flash Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM48L540 Datasheet(HTML) 111 Page - Texas Instruments

Back Button RM48L540 Datasheet HTML 107Page - Texas Instruments RM48L540 Datasheet HTML 108Page - Texas Instruments RM48L540 Datasheet HTML 109Page - Texas Instruments RM48L540 Datasheet HTML 110Page - Texas Instruments RM48L540 Datasheet HTML 111Page - Texas Instruments RM48L540 Datasheet HTML 112Page - Texas Instruments RM48L540 Datasheet HTML 113Page - Texas Instruments RM48L540 Datasheet HTML 114Page - Texas Instruments RM48L540 Datasheet HTML 115Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 152 page
background image
HCLK
DMMCLK
DMMSYNC
DMMDATA
DMMnENA
D00
D01
D10
D11
D20
D21
D30
D31
D40
D41
D50
RM48L940
RM48L740
RM48L540
www.ti.com
SPNS175
– SEPTEMBER 2011
Table 4-47. DMMDATA Timing
Parameter
MIN
Description
tssu(DMM)
2ns
SYNC active to clk falling edge setup time
tsh(DMM)
3ns
clk falling edge to SYNC deactive hold time
tdsu(DMM)
2ns
DATA to clk falling edge setup time
tdh(DMM)
3ns
clk falling edge to DATA hold time
Figure 4-29. DMMnENA Timing
Figure 4-29 shows a case with 1 DMM packet per 2 DMMCLK cycles (Mode = Direct Data Mode, data
width = 8, portwidth = 4) where none of the packets received by the DMM are sent out, leading to filling up
of the internal buffers. The DMMnENA signal is shown asserted, after the first two packets have been
received and synchronised to the HCLK domain. Here, the DMM has the capacity to accept packets D4x,
D5x, D6x, D7x. Packet D8 would result in an overflow. Once DMMnENA is asserted, the DMM expects to
stop receiving packets after 4 HCLK cycles; once DMMnENA is de-asserted, the DMM can handle
packets immediately (after 0 HCLK cycles).
Copyright
© 2011, Texas Instruments Incorporated
System Information and Electrical Specifications
111
Submit Documentation Feedback
focus.ti.com: RM48L940 RM48L740 RM48L540



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com