Electronic Components Datasheet Search
  English  ▼

X  

RM48L540 Datasheet(PDF) 113 Page - Texas Instruments

Click here to check the latest version.
Part # RM48L540
Description  RM48Lx40 16/32-Bit RISC Flash Microcontroller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM48L540 Datasheet(HTML) 113 Page - Texas Instruments

Back Button RM48L540 Datasheet HTML 109Page - Texas Instruments RM48L540 Datasheet HTML 110Page - Texas Instruments RM48L540 Datasheet HTML 111Page - Texas Instruments RM48L540 Datasheet HTML 112Page - Texas Instruments RM48L540 Datasheet HTML 113Page - Texas Instruments RM48L540 Datasheet HTML 114Page - Texas Instruments RM48L540 Datasheet HTML 115Page - Texas Instruments RM48L540 Datasheet HTML 116Page - Texas Instruments RM48L540 Datasheet HTML 117Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 152 page
background image
RM48L940
RM48L740
RM48L540
www.ti.com
SPNS175
– SEPTEMBER 2011
5
Peripheral Information and Electrical Specifications
5.1
Peripheral Legend
Table 5-1. Peripheral Legend
Abbreviation
Full Name
MibADC
Analog To Digital Converter
CCM-R4F
CPU Compare Module - CortexR4F
CRC
Cyclic Redundancy Check
DCAN
Controller Area Network
DCC
Dual Clock Comparator
DMA
Direct Memory Access
DMM
Data Modification Module
EMIF
External Memory Interface
ESM
Error Signaling Module
ETM-R4F
Embedded Trace Macrocell - CortexR4F
GIO
General-Purpose Input/Output
HTU
High End Timer Transfer Unit
I2C
Inter-Integrated Circuit
LIN
Local Interconnect Network
MIBSPI
Multibuffer Serial Peripheral Interface
N2HET
Platform High-End Timer
POM
Parameter Overlay Module
RTI
Real-Time Interrupt Module
RTP
RAM Trace Port
SPI
Serial Peripheral Interface
VIM
Vectored Interrupt Manager
5.2
Multi-Buffered 12bit Analog-to-Digital Converter
The multibuffered A-to-D converter (MibADC) has a separate power bus for its analog circuitry that
enhances the A-to-D performance by preventing digital switching noise on the logic circuitry which could
be present on VSS and VCC from coupling into the A-to-D analog stage. All A-to-D specifications are given
with respect to ADREFLO unless otherwise noted.
Table 5-2. MibADC Overview
Description
Value
Resolution
12 bits
Monotonic
Assured
Output conversion code
00h to FFFh [00 for VAI ≤ ADREFLO; FFF for VAI ≥ ADREFHI]
5.2.1
Features
•
10-/12-bit resolution
•
ADREFHI and ADREFLO pins (high and low reference voltages)
•
Total Sample/Hold/Convert time: 600ns Typical Minimum at 30MHz ADCLK
•
One memory region per conversion group is available (event, group 1, group 2)
•
Allocation of channels to conversion groups is completely programmable
•
Memory regions are serviced either by interrupt or by DMA
•
Programmable interrupt threshold counter is available for each group
•
Programmable magnitude threshold interrupt for each group for any one channel
Copyright
© 2011, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
113
Submit Documentation Feedback
focus.ti.com: RM48L940 RM48L740 RM48L540



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com