Electronic Components Datasheet Search
  English  ▼

X  

SWRA370 Datasheet(PDF) 18 Page - Texas Instruments

Part # SWRA370
Description  Basic RF Testing of CCxxxx Devices
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWRA370 Datasheet(HTML) 18 Page - Texas Instruments

Back Button SWRA370 Datasheet HTML 14Page - Texas Instruments SWRA370 Datasheet HTML 15Page - Texas Instruments SWRA370 Datasheet HTML 16Page - Texas Instruments SWRA370 Datasheet HTML 17Page - Texas Instruments SWRA370 Datasheet HTML 18Page - Texas Instruments SWRA370 Datasheet HTML 19Page - Texas Instruments SWRA370 Datasheet HTML 20Page - Texas Instruments SWRA370 Datasheet HTML 21Page - Texas Instruments SWRA370 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
PC with SmartRF Studio
installed
SmartRF Eval Board
and Eval Module
SmartRF Eval Board
and Eval Module
SmartRF Eval Board
and Eval Module
TX
Interference
Source
RX
Shielded Box
Variable
Attenuator
Variable
Attenuator
1
2
Sum
Combiner
(1)
Receive Testing Without LabVIEW
www.ti.com
Procedure:
Step 1.
Connect the instruments and test board as shown in Figure 11.
Step 2.
Configure both the TX side and the RX side with the appropriate RF settings. Select the
packet TX or packet RX tab, and select an appropriate packet format.
Step 3.
Start up the receivers first. Ensure that the Seq number included in payload box is checked
(enabled).
Step 4.
Start the transmitter by clicking Start.
Step 5.
The RSSI readout on the RX side provides a relative indicator of the signal strength
Step 6.
The PER is calculated using this formula:
PER % = (No of packets lost/Total number of packets) x 100
Step 7.
Increase the attenuation until the PER reaches 1%. This level defines the sensitivity
threshold.
Table 12. Receiver Sensitivity Test Results
Design Specification
Sensitivity (dBm), PER
< 1%
(dBm)
Pass/Fail?
Freq 1 (MHz)
Freq 2 (MHz)
Freq 3 (MHz)
xx
xx
Test Results:
6.2
Interference Testing
Purpose: To verify that the receiver sensitivity conforms to the published standards.
Pass Condition: See respective standards document for specifications and pass conditions.
Test Environment: Figure 12 illustrates the interference test setup.
(1)
3-dB loss in signal on each input path through the combiner.
Figure 12. Interference Testing Setup
18
Basic RF Testing of CCxxxx Devices
SWRA370
– August 2011
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com