Electronic Components Datasheet Search
  English  ▼

X  

SWRA370 Datasheet(PDF) 16 Page - Texas Instruments

Part # SWRA370
Description  Basic RF Testing of CCxxxx Devices
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWRA370 Datasheet(HTML) 16 Page - Texas Instruments

Back Button SWRA370 Datasheet HTML 12Page - Texas Instruments SWRA370 Datasheet HTML 13Page - Texas Instruments SWRA370 Datasheet HTML 14Page - Texas Instruments SWRA370 Datasheet HTML 15Page - Texas Instruments SWRA370 Datasheet HTML 16Page - Texas Instruments SWRA370 Datasheet HTML 17Page - Texas Instruments SWRA370 Datasheet HTML 18Page - Texas Instruments SWRA370 Datasheet HTML 19Page - Texas Instruments SWRA370 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
PC with SmartRF Studio installed
SmartRF Eval Board
and Eval Module
Spectrum Analyzer
Transmission Tests
www.ti.com
5.5
Spurious Emissions
Purpose: To verify that the conducted spurious emissions are within limits.
Pass Condition: See respective standards document for specifications and pass conditions.
Test Environment: Figure 10 illustrates the spurious emissions test setup.
Figure 10. Spurious Emissions Test Setup
Procedure:
Step 1.
Connect the instruments and test board as shown in Figure 10.
Step 2.
Set the EM to continuous TX mode with random modulated data through SmartRF Studio.
Set the center frequency to the desired channel frequency.
Step 3.
Measure spurs from the minimum limit to the maximum limit of the spectrum analyzer.
Note that different spectrum analyzers have different maximum frequencies. Up to 25 GHz is more
than sufficient.
Table 10. Spurious Emission Test Results
Channel
Frequency
Measured Spur
Design Specification
Pass/Fail?
xx
xx
xx
Test Results:
16
Basic RF Testing of CCxxxx Devices
SWRA370
– August 2011
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com