Electronic Components Datasheet Search
  English  ▼

X  

SWRA370 Datasheet(PDF) 4 Page - Texas Instruments

Part # SWRA370
Description  Basic RF Testing of CCxxxx Devices
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWRA370 Datasheet(HTML) 4 Page - Texas Instruments

  SWRA370 Datasheet HTML 1Page - Texas Instruments SWRA370 Datasheet HTML 2Page - Texas Instruments SWRA370 Datasheet HTML 3Page - Texas Instruments SWRA370 Datasheet HTML 4Page - Texas Instruments SWRA370 Datasheet HTML 5Page - Texas Instruments SWRA370 Datasheet HTML 6Page - Texas Instruments SWRA370 Datasheet HTML 7Page - Texas Instruments SWRA370 Datasheet HTML 8Page - Texas Instruments SWRA370 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
Introduction
www.ti.com
1
Introduction
This document provides the user of Texas Instruments' low-power RF products with an overview of the
different characterization tests (conducted, not radiated) that are performed during the device verification
process. This descriptive document enables users to have a better understanding of the systems and
functions, and also presents general information about device testing under various conditions and
parameters. The document covers the basic setup of the test system and gives procedural information
about each test.
Texas Instruments
’ low-power RF products make it easier to build wireless links for remote control,
metering, and sensing applications. In most cases, they are used inside unlicensed, or license-free,
wireless products. Unlicensed means only that the user of these products does not need an individual
license from the telecommunication regulatory authorities. Unlicensed does not mean unregulated; the
wireless product itself must usually meet strict regulations and be certified by the appropriate regulatory
authorities. The different international regulatory authorities such as the FCC, ETSI, and ARIB regulate the
use of radio receivers and transmitters. These bodies maintain specifications that must be met by all
devices for each of the tests mentioned in the application report. Refer to the respective standards
document (see Section 2.1).
1.1
Abbreviations
Table 1 lists many of the terms and abbreviations used in this document.
Table 1. Terms and Abbreviations
Abbreviation/Acronym
Definition/Meaning
ARIB
Association of Radio Industries and Businesses
CEBAL
Chipcon Evaluation Board Access Layer
Power ratio in decibels (dB) of the measured power
dBm
referenced to 1 mW
DUT
Device under test
EB
Evaluation board
EM
Evaluation module
ETSI
European Telecommunications Standards Institute
EVM
Error vector magnitude
FCC
Federal Communications Commission
FSQ
Full spectrum quantization
GUI
Graphical user interface
IEEE
Institute of Electrical and Electronics Engineer
INT
Interference source, interference signal
ISM
Industrial, scientific, medical
MSK
Minimum shift keying
PER
Packet error rate
PSD
Power spectral density
RSSI
Received signal strength indicator
RX
Receive, receiver
SMA
Sub Miniature version A connector
SoC
System on chip
SPI
Serial parallel interface
TX
Transmit, transmission, transmitter
4
Basic RF Testing of CCxxxx Devices
SWRA370
– August 2011
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com