Electronic Components Datasheet Search
  English  ▼

X  

SWRA370 Datasheet(PDF) 29 Page - Texas Instruments

Part # SWRA370
Description  Basic RF Testing of CCxxxx Devices
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWRA370 Datasheet(HTML) 29 Page - Texas Instruments

Back Button SWRA370 Datasheet HTML 25Page - Texas Instruments SWRA370 Datasheet HTML 26Page - Texas Instruments SWRA370 Datasheet HTML 27Page - Texas Instruments SWRA370 Datasheet HTML 28Page - Texas Instruments SWRA370 Datasheet HTML 29Page - Texas Instruments SWRA370 Datasheet HTML 30Page - Texas Instruments SWRA370 Datasheet HTML 31Page - Texas Instruments SWRA370 Datasheet HTML 32Page - Texas Instruments SWRA370 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
PC with SmartRF Studio installed
+
+
+
-
-
-
CC
Debugger
SoC BB and
Eval Mod
Multimeter
Power Supply
www.ti.com
Electrical Tests
8
Electrical Tests
Table 23 summarizes the various electrical tests performed with LabVIEW.
Table 23. Hardware Tests with LabVIEW Summary
Section No
Item
8.1
Standby mode / RF disable mode
8.2
Idle mode
8.3
Power Down mode
8.4
TX mode
8.5
RX mode
Test Environment: Figure 19 illustrates the test setup for all hardware tests.
Figure 19. Hardware Test Setup for LabVIEW
Procedure:
Step 1.
Connect the instruments and test board as shown in Figure 19.
Step 2.
The test requires the use of a SoC BB for accurate measurement; see Ref. 14.
Step 3.
Mount the CCxxxx EM on the SoC BB.
Step 4.
Supply power to the board from an external supply rather than AA battery cells..
Step 5.
Connect a multimeter in series with the supply line.
Step 6.
Connect the CCDebugger (see Ref. 13) to the SoC BB to enable communication with the
CCxxxx EM.
Step 7.
Use SmartRF Studio to set the device to the proper modes.
Step 8.
Set the supply to 3.3 V.
Step 9.
Measure the current on the multimeter for each mode.
CAUTION
The CC Debugger influences the measurements. The debugger consumes
some current and increases the measured current going into the EM.
In particular, this device influences the sleep current measurements.
The debugger can be disconnected from the SoC BB after the device has been
set to the desired mode using SmartRF Studio. The radio device remains in the
active/sleep state, and it is possible to perform more accurate measurements.
A hot disconnect should not normally cause any damage to the devices.
29
SWRA370
– August 2011
Basic RF Testing of CCxxxx Devices
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com