Electronic Components Datasheet Search
  English  ▼

X  

SWRA370 Datasheet(PDF) 22 Page - Texas Instruments

Part # SWRA370
Description  Basic RF Testing of CCxxxx Devices
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWRA370 Datasheet(HTML) 22 Page - Texas Instruments

Back Button SWRA370 Datasheet HTML 18Page - Texas Instruments SWRA370 Datasheet HTML 19Page - Texas Instruments SWRA370 Datasheet HTML 20Page - Texas Instruments SWRA370 Datasheet HTML 21Page - Texas Instruments SWRA370 Datasheet HTML 22Page - Texas Instruments SWRA370 Datasheet HTML 23Page - Texas Instruments SWRA370 Datasheet HTML 24Page - Texas Instruments SWRA370 Datasheet HTML 25Page - Texas Instruments SWRA370 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
PC with LabView
installed
SmartRF Eval Board
and Eval Module
RF Generator
RF Out
Ext 1 In
GPIB
Receive Testing with LabVIEW
www.ti.com
7
Receive Testing with LabVIEW
Refer to Table 17 for a summary of the various receiver tests performed with LabVIEW.
Table 17. Receive Test with LabVIEW Summary
Section
No
Item
Result
7.1
Receiver Sensitivity
7.2
Maximum Input Power
7.3
Adjacent/Alternate Channel
7.4
Energy Detect
7.1
Receiver Sensitivity
Purpose: To verify that the receiver sensitivity conforms to the published standards.
Pass Condition: See respective standards document for specifications and pass conditions.
Test Environment: Figure 14 illustrates the test setup for receiver sensitivity with LabVIEW.
Figure 14. Receiver Sensitivity Test Setup for LabVIEW
22
Basic RF Testing of CCxxxx Devices
SWRA370
– August 2011
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com