Electronic Components Datasheet Search
  English  ▼

X  

SWRA370 Datasheet(PDF) 23 Page - Texas Instruments

Part # SWRA370
Description  Basic RF Testing of CCxxxx Devices
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWRA370 Datasheet(HTML) 23 Page - Texas Instruments

Back Button SWRA370 Datasheet HTML 19Page - Texas Instruments SWRA370 Datasheet HTML 20Page - Texas Instruments SWRA370 Datasheet HTML 21Page - Texas Instruments SWRA370 Datasheet HTML 22Page - Texas Instruments SWRA370 Datasheet HTML 23Page - Texas Instruments SWRA370 Datasheet HTML 24Page - Texas Instruments SWRA370 Datasheet HTML 25Page - Texas Instruments SWRA370 Datasheet HTML 26Page - Texas Instruments SWRA370 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
www.ti.com
Receive Testing with LabVIEW
Procedure:
Step 1.
Connect the instruments and test board as shown in Figure 14.
Step 2.
Set the EM in Packet RX mode through SmartRF Studio.
Step 3.
Using LabVIEW, send 1000 packets at a specified data rate and modulation format from the
RF generator, while controlling the generator power. (Start 10 dB over the stated sensitivity of
the device.)
Step 4.
Measure the actual number of packets received.
Step 5.
Calculate the PER. If the PER is less than 1%, repeat the test with a reduced signal power.
When the PER
≥ 1%, the previous signal power with a PER less than 1% indicates the
sensitivity.
NOTE:
See Ref. 3 for more detailed techniques to test TI CCxxxx devices for sensitivity.
Table 18. Receiver Sensitivity with LabVIEW Test Results
Design Specification
Sensitivity (dBm), PER
< 1%
(dBm)
Pass/Fail?
Freq 1 (MHz)
Freq 2 (MHz)
Freq 3 (MHz)
xx
xx
Test Results:
23
SWRA370
– August 2011
Basic RF Testing of CCxxxx Devices
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com